전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LD1585CD2M-R

  • AI
    ## LD1585CD2M-R: Low Dropout Voltage Regulator The **LD1585CD2M-R** is a high-performance, low dropout (LDO) positive voltage regulator designed to provide up to **5A** of output current. It is commonly used in applications requiring high efficiency and stable power delivery, such as microprocessor supplies. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LD1585CD2M-R: | Parameter | Specification | | :--- | :--- | | **Output Type** | Adjustable | | **Output Current** | 5.0 A (Maximum) | | **Dropout Voltage** | 1.2 V @ 5A | | **Input Voltage (Max)** | 30 V | | **Reference Voltage** | 1.25 V (± 1%) | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | 0°C to 125°C | --- ### 2. Functional Features * **Low Dropout Performance:** Unlike standard linear regulators (like the LM317) which may require 2V-3V of "headroom," this device functions with a differential as low as 1.2V at full load. * **Internal Protection:** * **Current Limiting:** Protects the device during short-circuit conditions. * **Thermal Shutdown:** Shuts down the IC if the junction temperature exceeds safe limits (typically 150°C-175°C). * **Fast Transient Response:** Optimized for powering modern processors that have rapidly changing current requirements. --- ### 3. Basic Application Circuit To configure the adjustable version of the LD1585, two external resistors are required to set the output voltage ($V_{out}$). ```cpp // Voltage Calculation Formula: // Vout = Vref * (1 + R2/R1) + (Iadj * R2) // Typical Component Values: // C1 (Input Capacitor): 10uF Tantalum // C2 (Output Capacitor): 22uF Tantalum (Essential for stability) // R1: 121 Ohms (Placed between OUT and ADJ pins) // R2: Variable (Placed between ADJ and Ground) ``` --- ### 4. Comparison with Similar Parts | Part Number | Max Current | Package | Note | | :--- | :--- | :--- | :--- | | **LD1585** | 5A | D2PAK | High Power | | **LD1085** | 3A | TO-220 / D2PAK | Medium Power | | **LD1117** | 0.8A / 1.2A | SOT-223 / DPAK | Low Power / General Purpose | --- ### 5. Thermal Considerations Because the LD1585 is a linear regulator, it dissipates power as heat. The power dissipation ($P_d$) is calculated as: $P_d = (V_{in} - V_{out}) \times I_{out}$ Since this part is in a **D2PAK** surface-mount package, it relies on the copper area of the PCB (Printed Circuit Board) for heat sinking. High-current applications (near 5A) will require significant copper pours or a dedicated heatsink.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What is the minimum ESR requirement for the output capacitor to ensure stability?
    • ⤷ Can the LD1585CD2M-R be used in parallel to increase current output?