LD39150PU-R
AI

The **LD39150PU-R** is a high-accuracy, low-dropout (LDO) linear voltage regulator designed for power management in electronic circuits. It is specifically engineered to provide a stable output voltage with minimal power loss across the regulator.
---
### ## Technical Specifications
Below are the primary electrical characteristics of the LD39150PU-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 1.5V to 5.5V |
| **Output Current** | Up to 1.5 A |
| **Dropout Voltage** | Typ. 200 mV @ 1.5 A |
| **Output Voltage** | Fixed (typically 3.3V, but check suffix) |
| **Operating Temp Range** | -40°C to +125°C |
| **Package Type** | DFN6 (3x3 mm) |
| **PSRR** | 65 dB @ 1 kHz |
---
### ## Key Internal Parts & Features
1. **Pass Transistor (P-channel MOSFET):**
The core component that regulates the voltage. Because it uses a P-channel MOSFET, it can operate with a very low dropout voltage, allowing the output to be very close to the input voltage.
2. **Internal Reference Voltage:**
A high-precision bandgap reference that ensures the output remains stable despite changes in temperature or input fluctuations.
3. **Protection Circuitry:**
* **Current Limit:** Protects the device if the output is shorted or the load exceeds 1.5A.
* **Thermal Shutdown:** Automatically turns off the regulator if the internal junction temperature exceeds safe limits (typically around 150°C).
4. **Logic Control (Enable Pin):**
Features an "Enable" pin (EN) that allows the regulator to be put into a low-power shutdown mode (drawing less than 1µA) when not in use.
---
### ## Pinout Configuration (DFN6)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **Vout** | Regulated Output Voltage |
| 2 | **Vout** | Regulated Output Voltage (redundant for current) |
| 3 | **ADJ/NC** | Adjustable pin or No Connection (Fixed version) |
| 4 | **GND** | Ground |
| 5 | **EN** | Enable Control (High = On, Low = Off) |
| 6 | **Vin** | Input Supply Voltage |
| Pad | **Exp Pad** | Exposed pad must be connected to GND for cooling |
---
### ## Typical Application Circuit
To ensure stability, the LD39150PU-R requires external capacitors. Unlike older regulators, it is stable with low-ESR ceramic capacitors.
```markdown
Vin ----[ C_in: 1uF ]----( Vin Pin )
( Vout Pin )----[ C_out: 2.2uF ]---- Vout (Stable)
(Enable Source)----------( EN Pin )
( GND Pin )------------------------- Ground
```
---
- ⤷
What is the significance of the 200mV dropout voltage in battery-powered designs?
- ⤷ How does the DFN6 package handle heat dissipation for a 1.5A load?
- ⤷ Can this regulator be used with electrolytic capacitors instead of ceramic ones?