LDK220PU-R
AI

The **LDK220PU-R** is a high-performance, low-dropout (LDO) linear voltage regulator manufactured by **STMicroelectronics**. It is designed for applications where space is limited and power efficiency (specifically low quiescent current) is critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.5 V to 13.2 V |
| **Output Voltage** | Fixed (specific to the 'PU' variant) or Adjustable |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 100 mV @ 100 mA (typical) |
| **Quiescent Current ($I_q$)** | 55 µA (typical) / < 1 µA in Shutdown |
| **PSRR (Power Supply Rejection Ratio)** | 60 dB @ 1 kHz |
| **Package Type** | DFN6 (2x2 mm) - "PU" Suffix |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features and Functionality
* **Low Dropout (LDO):** The device can maintain a stable output voltage even when the input voltage is very close to the output target (only 100-200mV difference required).
* **Enable (EN) Pin:** This allows the regulator to be turned on or off via a logic signal. When disabled, it enters a "shutdown mode" consuming almost zero power.
* **Stability:** It is designed to be stable with low-ESR ceramic capacitors, which helps reduce the total footprint on the PCB.
* **Protection Circuits:**
* **Internal Current Limit:** Protects the device if the load draws too much current.
* **Thermal Shutdown:** Automatically turns off the device if it overheats.
---
### 3. Pinout Configuration (DFN6 Package)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Regulated output voltage. |
| 2 | **N/C** | No internal connection. |
| 3 | **GND** | Ground reference. |
| 4 | **EN** | Enable control (High = On, Low = Off). |
| 5 | **ADJ/NC** | Adjust pin (for ADJ version) or No connection. |
| 6 | **IN** | Input voltage supply. |
| **Exp. Pad** | **GND** | Exposed pad must be connected to Ground for thermal relief. |
---
### 4. Typical Application Circuit
To use this part effectively, minimum external components are required:
```mermaid
graph LR
Vin((Vin)) --> C1[Cin: 1uF]
C1 --> LDK220[LDK220PU-R]
LDK220 --> C2[Cout: 1uF]
C2 --> Vout((Vout))
EN_Signal --> LDK220
```
### 5. Common Use Cases
* **Battery Powered Devices:** Due to low quiescent current.
* **Post-regulation:** Cleaning up noise from switching DC-DC converters.
* **Mobile/Handheld Electronics:** Small DFN package saves PCB real estate.
* **Industrial Sensors:** High input voltage tolerance (up to 13.2V) allows for use in 12V systems.
---
- ⤷What is the difference between the fixed and adjustable versions of the LDK220?
- ⤷ How do I calculate the power dissipation for the LDK220PU-R?
- ⤷ Can this regulator handle a 12V automotive input safely?