전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LDR1833K7-R

  • AI
    The **LDR1833K7-R** is a specific electronic component belonging to the family of **Voltage Regulators**. Specifically, it is a fixed-output, low-dropout (LDO) linear regulator designed for high-current applications. --- ### ## Core Specifications and Technical Details The part is typically manufactured by STMicroelectronics. Below is a breakdown of its primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Voltage LDO Regulator | | **Output Voltage (Vout)** | 3.3V (Fixed) | | **Input Voltage Range (Vin)** | Up to 14V (Operating) / 18V (Absolute Max) | | **Output Current** | 500mA to 1A (depending on thermal conditions) | | **Dropout Voltage** | Typically ~500mV to 1.1V (load dependent) | | **Package Type** | PPAK / DPAK (Surface Mount) | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features 1. **Dual Voltage Output Capability:** While this specific suffix (-33) denotes a fixed 3.3V, the LDR series is often recognized for being "very low drop" compared to standard 78xx series regulators. 2. **Internal Protection:** * **Thermal Overload Protection:** It shuts down if the internal junction temperature exceeds safety limits. * **Short Circuit Protection:** Limits current flow to prevent damage during a fault. 3. **Low Quiescent Current:** It draws minimal power for its own operation, making it suitable for battery-powered standby circuits. --- ### ## Pinout Configuration (PPAK/DPAK) The physical layout usually follows the standard LDO configuration for surface-mount power packages: * **Pin 1 (Control/In):** Input Voltage supply. * **Pin 2 (Ground/Tab):** Common ground and heat sink connection. * **Pin 3 (Out):** Regulated 3.3V output. --- ### ## Application Use-Cases The **LDR1833K7-R** is commonly used in industrial and consumer electronics where a stable 3.3V rail is required from a higher supply (like a 5V or 12V bus): * **Microcontroller Power:** Providing clean power to 3.3V MCUs (ESP32, STM32). * **Post-Regulation:** Following a switching power supply to remove high-frequency noise/ripple. * **Industrial Automation:** Sensor power supplies requiring high thermal stability.
    ✨ Follow-up Questions
    • ⤷ What are the recommended input and output capacitor values for the LDR1833K7-R?
    • ⤷ How does the LDR1833K7-R compare to the LD1117-3.3 in terms of dropout voltage?
    • ⤷ What is the maximum power dissipation (Pd) allowed for the PPAK package?