전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LDR2518PT-R

  • AI
    The **LDR2518PT-R** is a specific surface-mount electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator**. It is designed to provide a stable output voltage even when the input voltage is very close to the desired output. --- ### 1. Key Technical Specifications Below are the typical parameters for the LDR2518PT-R (based on standard LDO series architectures): | Feature | Specification | |:---|:---| | **Component Type** | Fixed Low Dropout Linear Regulator | | **Output Voltage** | 1.8V (Fixed) | | **Max Input Voltage** | 6V to 12V (Series dependent) | | **Output Current** | Up to 1.5A | | **Package Type** | PPAK / TO-252 (DPAK) / PENTAWATT | | **Operating Temp** | -40°C to +125°C | --- ### 2. Physical Characteristics and Pins The "PT" suffix usually refers to the package style (likely a **PPAK** or **DPAK** variant), which is designed for surface mounting and efficient heat dissipation. * **Input Pin (VIN):** Receives the unregulated DC voltage. * **Output Pin (VOUT):** Delivers the regulated 1.8V DC. * **Ground Pin (GND):** Common reference point for the circuit. * **Tab (Heatsink):** Usually connected to GND or VOUT (check datasheet) to dissipate heat into the PCB copper. --- ### 3. Functional Features * **Low Dropout Voltage:** Can maintain a 1.8V output even if the input drops to roughly 2.0V or 2.1V. * **Internal Protections:** * *Thermal Shutdown:* Turns off the device if it gets too hot. * *Current Limiting:* Protects the device against short circuits. * **Low Noise:** Provides a clean power rail, making it ideal for microprocessors or sensitive analog circuits. --- ### 4. Typical Application Circuit To ensure stability, LDOs require external capacitors. Below is a conceptual representation: ```text [Input Voltage] ----(VIN) [ LDR2518PT-R ] (VOUT)---- [1.8V Output] | | | [C_in: 10uF] (GND) [C_out: 10uF] | | | [GND] [GND] [GND] ``` --- ### 5. Common Uses 1. **Microcontroller Power:** Powering 1.8V logic cores in FPGAs or DSPs. 2. **Battery Powered Devices:** Efficiently stepping down battery voltage with minimal power loss. 3. **Post-Regulators:** Used after a switching regulator to "clean up" noise for high-fidelity audio or RF stages.
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage limits for the LDR2518PT-R?
    • ⤷ How does the dropout voltage vary with the output load current?
    • ⤷ What is the recommended ESR for the output capacitor to prevent oscillation?