전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LDR2533K7-R

  • AI
    The **LDR2533K7-R** is a specialized high-current voltage regulator produced by **STMicroelectronics**. It is designed to provide stable power in automotive and industrial environments where low dropout voltage and high current are required. --- ## 1. Component Overview The LDR2533K7-R belongs to the family of **Low Dropout (LDO)** linear regulators. It is specifically designed for high-current applications, offering dual output voltage options (selectable) or fixed output depending on the specific configuration within the series. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | Up to 12V | | **Output Current** | 1.5 A (Maximum) | | **Dropout Voltage** | ~600 mV @ 1.5 A | | **Output Voltages** | 2.5V or 3.3V (Selectable) | | **Package Type** | PPAK / DPAK (Surface Mount) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Core Features The electronic architecture of this part includes several protective and functional blocks: * **Dual Voltage Selection:** The device features a "SELECT" pin. By connecting this pin to ground or leaving it open, the user can toggle the output between **2.5V** and **3.3V**. * **Inhibit Function:** It includes a logic-controlled shutdown mode (Inhibit pin) to reduce power consumption to nearly zero when the device is not in use. * **Internal Protections:** * **Thermal Overload Protection:** Shuts down the device if the internal junction temperature exceeds safety limits. * **Short Circuit Protection:** Limits the current if the output is shorted to ground. * **Low Quiescent Current:** Designed to draw minimal power from the source during standby or light load conditions. --- ## 3. Typical Application Circuit To ensure stability, LDOs require specific external capacitors. Below is a representation of the typical setup: ```mermaid graph LR Vin[Input Voltage] --> C1[1uF Capacitor] C1 --> LDR[LDR2533K7-R] LDR --> C2[2.2uF Capacitor] C2 --> Vout[Output 2.5V/3.3V] ``` ### Pin Configuration (PPAK) 1. **Vout:** Regulated output voltage. 2. **Select:** Voltage selection pin (High/Low). 3. **GND:** Ground (and Thermal Tab). 4. **Inhibit:** Device ON/OFF control. 5. **Vin:** Unregulated input voltage. --- ## 4. Common Use Cases * **Automotive Infotainment:** Powering logic gates and microcontrollers from 5V or 12V rails. * **Industrial Controls:** Providing clean 2.5V/3.3V power to sensors and PLCs. * **Battery Powered Systems:** Utilizing the Inhibit function to preserve battery life when the system is idle.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation for the LDR2533K7-R in a 12V to 3.3V application?
    • ⤷ What is the specific behavior of the SELECT pin if left floating?
    • ⤷ Are there specific ESR requirements for the output capacitor to prevent oscillation?