전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LDR2533PT-R

  • AI
    The **LDR2533PT-R** is a high-performance, low-dropout (LDO) dual-voltage linear regulator. It is specifically designed to provide two different output voltages from a single input source, making it ideal for powering digital logic circuits, microprocessors, and FPGAs. --- ### 1. Key Technical Specifications | Parameter | Value/Range | | :--- | :--- | | **Input Voltage (Max)** | 14V | | **Output Voltage 1 (Fixed)** | 2.5V | | **Output Voltage 2 (Fixed)** | 3.3V | | **Output Current** | 500mA per channel (typical) | | **Dropout Voltage** | ~0.6V at 500mA | | **Package Type** | PENTAWATT (TO-220 style) or DPAK-5 | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Core Functional Parts The internal architecture of the LDR2533PT-R consists of several critical electronic sub-systems: * **Pass Transistors:** It utilizes two independent bipolar or MOSFET pass elements to regulate the output. Because it is an LDO, these transistors are designed to operate with very small differences between input and output voltage. * **Voltage Reference:** A high-precision internal bandgap reference ensures that the 2.5V and 3.3V outputs remain stable regardless of temperature fluctuations. * **Error Amplifiers:** Each channel has an error amplifier that compares the actual output voltage against the internal reference and adjusts the pass transistor to maintain regulation. * **Protection Circuitry:** * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits. * **Current Limiting:** Protects the regulator from damage during short-circuit conditions. --- ### 3. Application and Usage Because this part provides both **2.5V** and **3.3V**, it is commonly used in systems where the I/O pins run at 3.3V but the core logic or specialized sensors require 2.5V. #### Typical Wiring Diagram (Conceptual) ```text +Vin (e.g., 5V) | +-----+-----+ | LDR2533 | | | | Vout1 ---+---> 2.5V Output (Capacitor required) | Vout2 ---+---> 3.3V Output (Capacitor required) | GND ---+---> System Ground +-----------+ ``` --- ### 4. Critical Design Considerations 1. **Capacitor Selection:** Like most LDOs, the LDR2533PT-R requires output capacitors for stability. Usually, tantalum or low-ESR electrolytic capacitors (approx. 10µF) are recommended. 2. **Heat Dissipation:** Since linear regulators drop voltage by converting excess energy into heat, you must calculate the power dissipation: * $P_d = (V_{in} - V_{out1}) \times I_{out1} + (V_{in} - V_{out2}) \times I_{out2}$ 3. **Input Voltage:** Ensure the input voltage is at least the dropout voltage higher than the 3.3V output (e.g., $V_{in} > 3.9V$).
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for the LDR2533PT-R?
    • ⤷ Can this regulator handle an input voltage higher than 14V?
    • ⤷ What is the thermal resistance (Rthjc) for the PENTAWATT package?