전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LDS0705-8R2M-R

  • AI
    The **LDS0705-8R2M-R** is a specific model of a surface-mount (SMD) power inductor. These components are essential in power management circuits for filtering and energy storage. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LDS** | Series Code | Low profile, shielded or unshielded drum core series (manufacturer dependent). | | **0705** | Case Size | Dimensions approximately 7.0mm x 7.0mm (Width/Length) and 5.0mm (Height). | | **8R2** | Inductance Value | **8.2 µH** (R acts as a decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | | **R** | Packaging | Typically denotes **Tape & Reel** packaging for automated assembly. | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Sumida or local equivalents), typical specs for an 8.2µH 0705 inductor are: * **Inductance:** 8.2 µH * **DC Resistance (DCR):** Usually in the range of 0.03Ω to 0.06Ω (lower is better for efficiency). * **Rated Current (Isat/Irms):** Typically between **1.5A to 3.0A**, depending on the core material and thermal limits. * **Operating Temperature:** Generally -40°C to +125°C. * **Construction:** Ferrite drum core with copper wire winding. --- ### 3. Applications and Usage This part is commonly found in circuits where voltage needs to be regulated or noise needs to be suppressed. #### Common Circuits: * **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to store energy during the switching cycle. * **Voltage Regulator Modules (VRM):** Provides stable power to microprocessors. * **EMI Filtering:** Used in power supply lines to filter out high-frequency electronic noise. #### Why use this specific size? The **0705** footprint is a "medium" size. It provides a balance between high current handling (which requires thicker wire) and a compact footprint for modern PCBs (Printed Circuit Boards). --- ### 4. Typical Internal Construction (Conceptual) ```yaml Component: SMD Power Inductor Structure: - Core: Ferrite (High permeability) - Winding: Enameled Copper Wire - Terminals: Tin-plated (Lead-free/RoHS compliant) - Shielding: May be unshielded (cheaper) or semi-shielded (lower EMI) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the LDS0705 series?
    • ⤷ How does the 'Isat' rating affect the performance of this inductor in a circuit?
    • ⤷ Is the LDS0705-8R2M-R shielded or unshielded?