전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LED3

  • AI
    The term **LED** stands for **Light Emitting Diode**. It is a semiconductor device that converts electrical energy directly into light through a process called electroluminescence. ### 1. Fundamental Components of an LED An LED consists of several critical parts that work together to produce light and manage heat. | Component | Description | Function | | :--- | :--- | :--- | | **Anode (+)** | The longer lead/terminal. | Connects to the positive voltage source. | | **Cathode (-)** | The shorter lead/terminal (flat side on the case). | Connects to the negative voltage/ground. | | **Semiconductor Die** | The "heart" of the LED (P-N Junction). | Where electrons recombine with holes to release photons. | | **Reflective Cavity** | A cup-shaped frame holding the die. | Directs light upward and outward to increase brightness. | | **Epoxy Lens** | The plastic outer casing. | Protects the internals and focuses the light beam. | | **Bond Wire** | A very thin gold or aluminum wire. | Connects the die to the electrical leads. | --- ### 2. How it Works (The P-N Junction) The LED is essentially a specialized diode made of layers of semiconductor material: 1. **P-type layer:** Contains positive charge carriers (holes). 2. **N-type layer:** Contains negative charge carriers (electrons). 3. **Recombination:** When current flows from the Anode to the Cathode, electrons jump across the junction to fill holes. This drop in energy levels releases energy in the form of **photons** (light). --- ### 3. Essential Circuit Integration Because LEDs are non-linear devices, they require specific external components to function safely. #### Current Limiting Resistor LEDs have very low internal resistance once they reach their "Forward Voltage." Without a resistor, they will draw too much current and burn out. **The Formula (Ohm's Law):** ```text R = (Source Voltage - LED Forward Voltage) / Desired Current ``` #### Typical Specifications * **Forward Voltage ($V_f$):** Red (~1.8V), Blue/White (~3.2V). * **Forward Current ($I_f$):** Typically 20mA (0.02A) for standard 5mm LEDs. --- ### 4. Types of LED Packages 1. **Through-Hole:** The classic bulb shape with two long legs; used for breadboarding and indicator lights. 2. **SMD (Surface Mount Device):** Tiny, flat chips soldered directly onto PCB surfaces (e.g., 5050 or 2835 chips found in LED strips). 3. **COB (Chip on Board):** Multiple LED dies mounted together on one substrate to create a high-intensity light source. 4. **RGB LEDs:** Contain three separate dies (Red, Green, Blue) in one package to create any color via PWM (Pulse Width Modulation). ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the exact resistor value for a 5V circuit with a Red LED?
    • ⤷ What is the difference between Common Anode and Common Cathode in RGB LEDs?
    • ⤷ Why do some LEDs require a constant current driver instead of just a resistor?