전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LEDINSPECTPROPENLIGHT150

  • AI
    The **OSRAM LEDinspect PRO PENLIGHT 150** (LEDIL105) is a professional-grade inspection lamp designed for automotive and technical maintenance. Its electronic architecture focuses on efficiency, thermal management, and durability. --- ### 1. Primary Electronic Components The internal circuitry is designed to manage high-intensity light output while maintaining a slim form factor. | Component | Specification / Type | Function | | :--- | :--- | :--- | | **Main Light Source** | High-intensity LED (COB/SMD) | Provides the primary 150-lumen floodlight. | | **Secondary Light** | LED Torch (Top) | Provides a 35-lumen concentrated spotlight. | | **Battery Type** | 3.7V Lithium-Polymer (Li-Po) | Rechargeable energy source with 800mAh capacity. | | **Charging Port** | Micro-USB | Standard input for 5V DC charging. | | **Control IC** | Microcontroller / Driver IC | Manages PWM (Pulse Width Modulation) for brightness and battery protection. | ### 2. Electronic Features & Logic The device utilizes several sub-systems to ensure safety and performance: * **Integrated Charging Circuit:** Contains an overcharge and over-discharge protection circuit to prolong the lifespan of the Lithium-Polymer battery. * **Thermal Management:** The electronics are mounted on a PCB designed to dissipate heat away from the LEDs, preventing "thermal runaway" which can degrade light quality over time. * **Switching Logic:** A physical push-button cycles the internal logic through three states: 1. Main Light (150 lm) 2. Top Spotlight (35 lm) 3. Power OFF * **Voltage Regulation:** Ensures that the light intensity remains constant even as the battery voltage drops during use. ### 3. Technical Specifications Detailed electronic parameters for the PENLIGHT 150: | Parameter | Value | | :--- | :--- | | **Nominal Wattage** | 0.5 W | | **Nominal Voltage** | 3.7 V | | **Color Temperature** | 6000 K (Cool White) | | **Operating Time** | Up to 2.5 hours (Main) | | **Charging Time** | ~2.5 hours | | **IP Rating** | IP20 (Protection against solid objects) | --- ### 4. Maintenance & Safety Note The electronics are housed in a "dirt-resistant" surface, but because the unit is rated **IP20**, the internal electronic parts are **not** waterproof. Exposure to liquids can short-circuit the Li-Po battery and the LED driver board.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PRO PENLIGHT 150 and the newer 200 model?
    • ⤷ How can I replace the internal battery if it fails?
    • ⤷ Does this model support fast charging via USB-C?