전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LF2-R10FB

  • AI
    The **LF2-R10FB** is a high-performance **Full-Bridge Rectifier Module** commonly utilized in power electronics for converting Alternating Current (AC) to Direct Current (DC). Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Technical Specifications The LF2-R10FB is designed for industrial-grade rectification. Its nomenclature typically suggests a 10A current rating with a specific voltage tolerance. | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | Full-Bridge Rectifier | - | | **Max Average Forward Current ($I_{F}$)** | 10 | Amperes (A) | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 800 - 1000 | Volts (V) | | **Operating Temperature** | -55 to +150 | °C | | **Package Style** | Through-hole (Inline) | - | --- ## 2. Internal Electronic Architecture The "Full-Bridge" configuration consists of four individual semiconductor diodes arranged in a bridge loop. ### The Diode Arrangement * **Quantity:** 4 High-speed power diodes. * **Configuration:** Two diodes are forward-biased during the positive half-cycle of the AC input, while the other two handle the negative half-cycle. * **Result:** It provides **Full-Wave Rectification**, ensuring that current flows through the load in the same direction regardless of the input polarity. ### Pinout Configuration The module typically features four leads: 1. **AC Input (~):** Terminal 1 2. **AC Input (~):** Terminal 2 3. **DC Output (+):** Positive Terminal 4. **DC Output (-):** Negative/Ground Terminal --- ## 3. Key Electronic Features * **Low Forward Voltage Drop:** Designed to minimize power loss as heat during conduction. * **High Surge Current Capability:** Able to withstand momentary spikes (e.g., during capacitor charging at startup). * **Thermally Efficient Packaging:** The casing is usually made of a flame-retardant epoxy or ceramic designed to dissipate heat to an external heatsink. --- ## 4. Application Circuit Example In a standard power supply circuit, the LF2-R10FB acts as the primary conversion stage. ```mermaid graph LR A[AC Main 110/220V] --> B[Transformer] B --> C[LF2-R10FB Bridge] C --> D[Filter Capacitor] D --> E[Voltage Regulator] E --> F[DC Output] ``` --- ## 5. Usage Considerations 1. **Heat Sinking:** Since the part handles up to 10A, it can generate significant heat. It should be mounted with thermal paste to a metal chassis or heatsink. 2. **Peak Inverse Voltage (PIV):** Ensure the input AC peak voltage does not exceed the $V_{RRM}$ rating of the device to prevent junction breakdown. 3. **Filtering:** The output of the LF2-R10FB is "pulsating DC." A large electrolytic capacitor is required in parallel to the output leads to smooth the waveform.
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak surge current (IFSM) for the LF2-R10FB?
    • ⤷ How do I test if an LF2-R10FB module is defective using a multimeter?
    • ⤷ What are the physical dimensions and mounting hole requirements for this module?