전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LFC-20W-R

  • AI
    The **LFC-20W-R** is typically categorized as a high-performance **Fiber Laser Source** (often manufactured by companies like Raycus or similar industrial laser providers). The "20W" signifies its output power, and "R" often denotes a specific revision or rack-mountable configuration. Below is the breakdown of its internal electronic components and operational architecture. --- ## 1. Core Electronic Components The LFC-20W-R consists of several integrated electronic systems that convert electricity into a coherent laser beam. | Component | Function | Description | | :--- | :--- | :--- | | **Laser Diode Module** | Light Source | High-power semiconductor diodes that provide the initial "pump" light. | | **DC Power Supply** | Voltage Regulation | Converts AC mains (typically 24V DC internal) to stable power for the electronics. | | **Control Board (PCB)** | Logic Center | Processes signals from the marking software (e.g., EZCAD) via the DB25 interface. | | **Fiber Combiner** | Optical Routing | Merges light from multiple diodes into a single active fiber. | | **AOM / Q-Switch** | Pulse Modulation | Controls the pulse frequency and duration (crucial for "Q-switched" models). | --- ## 2. Interface and Connectivity The electronics are interfaced through a standard industrial port, allowing for external control by a computer or PLC. ### DB25 Connector Pinout (Standard) Most LFC-20W-R units utilize a **DB25 Female interface**. Key pin functions include: * **Pins 1-8:** Power percentage (8-bit bus for power level). * **Pin 9:** Lasing signal (Gate). * **Pin 11/12:** Pulse frequency control. * **Pin 16-22:** Status monitoring (Error signals, Temp warnings). --- ## 3. Technical Specifications | Parameter | Value | | :--- | :--- | | **Nominal Power** | 20 Watts | | **Central Wavelength** | 1060nm - 1070nm (Infrared) | | **Cooling Method** | Forced Air Cooling (Electronic Fans) | | **Supply Voltage** | 24V DC | | **Current Consumption** | ~8A to 12A | | **Modulation Frequency** | 20kHz to 80kHz (Typical) | --- ## 4. Operational Safety Mechanisms The electronic circuitry includes several protection layers to prevent hardware failure: 1. **Anti-Reflection Protection:** Detects back-scattered light from reflective materials (like gold or silver) and cuts power to protect the fiber. 2. **Thermal Protection:** Thermistors on the diode plate trigger a shutdown if the internal temperature exceeds 40-45°C. 3. **Over-Current Protection:** Prevents the laser diodes from burning out due to power spikes. --- ## 5. Typical Wiring Architecture ```mermaid graph LR A[AC Input] --> B[24V DC Power Supply] B --> C[LFC-20W-R Source] D[PC/Controller] -- DB25 Cable --> C C --> E[Optical Isolator/Output] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for the 24V DC power supply for this laser?
    • ⤷ How do I troubleshoot a 'Laser Error' signal from the DB25 interface?
    • ⤷ Can this laser source be used for engraving highly reflective materials like polished brass?