전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LHA06013P

  • AI
    The **LHA06013P** is a specific electronic component typically categorized as a **High-Frequency Power Inductor** or a **Common Mode Choke**, often utilized in power supply circuits and EMI (Electromagnetic Interference) filtering. Below is a detailed breakdown of its characteristics, functions, and specifications. --- ### 1. General Specifications While specific data can vary by manufacturer (often associated with brands like **LND** or specialized industrial power component makers), the "LHA" series generally follows these parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Power Inductor / EMI Filter | | **Mounting Type** | Through-Hole (THT) or SMD (depends on suffix) | | **Core Material** | Ferrite | | **Inductance** | Variable (check specific datasheet for '06013P' value) | | **Current Rating** | High Current handling capability | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Internal Parts & Construction The LHA06013P is composed of several critical elements that determine its performance: 1. **Ferrite Core:** The "heart" of the component, usually a ring (toroidal) or drum core made of manganese-zinc or nickel-zinc ferrite to concentrate magnetic flux. 2. **Copper Winding:** High-purity enameled copper wire is wound around the core. The thickness (gauge) determines the current-carrying capacity. 3. **Encapsulation/Base:** The "P" suffix often indicates a specific plastic base or potting material used for structural stability and insulation. 4. **Terminals:** Tin-plated leads for soldering onto a Printed Circuit Board (PCB). --- ### 3. Functional Application This part is primarily used in the following electronic environments: * **EMI Suppression:** It filters out high-frequency noise from power lines, preventing interference with other electronic devices. * **DC-DC Converters:** Acts as an energy storage element to smooth out current ripples. * **LED Drivers:** Used in lighting circuits to stabilize the power delivery to high-power LEDs. * **Automotive Electronics:** Due to its robust construction, it is often found in car infotainment or power management systems. --- ### 4. Technical Identification Code The part number **LHA06013P** can be broken down as follows: * **LHA:** Series identifier (High current/High reliability). * **060:** Often refers to the physical dimensions (e.g., 6mm diameter or height). * **13:** Can represent the inductance value multiplier or a design iteration code. * **P:** Typically denotes "Pb-Free" (Lead-free) or a specific packaging/base type. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value of the LHA06013P?
    • ⤷ Is this component suitable for high-temperature automotive applications?
    • ⤷ What are the common alternatives for the LHA series inductors?