전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LHZ-211-R

  • AI
    The **LHZ-211-R** is a specific electronic component, typically categorized as an **Electromagnetic Buzzer** or a **Magnetic Transducer**. These components are widely used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics typical for this series of magnetic buzzers: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic / Electromagnetic | | **Rated Voltage** | 1.5V - 12V DC (Model dependent) | | **Operating Voltage** | 1.0V ~ 15.0V DC | | **Rated Current** | Max 30mA - 80mA | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2,000Hz - 2,700Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (DIP/Pin type) | --- ### 2. Internal Electronic Structure The LHZ-211-R operates on the principle of electromagnetism. Internally, it consists of several critical parts: * **The Coil:** A winding of fine copper wire that generates a magnetic field when current flows through it. * **The Magnet:** A permanent magnet that provides a stationary magnetic field. * **The Diaphragm (Vibrating Disk):** A thin metal plate (usually iron or steel) that is attracted and released by the fluctuating magnetic field of the coil, creating sound waves. * **The Housing:** Typically made of PBT (Polybutylene Terephthalate) or Noryl plastic to protect the internal components and provide acoustic resonance. --- ### 3. Circuit Integration Since the LHZ-211-R is a **transducer**, it generally requires an external drive circuit (like an oscillator) to function, unless it is the "indicator" version which has internal circuitry. #### Simple Transistor Drive Example: ```cpp // Logic for driving a buzzer via a microcontroller (e.g., Arduino) void setup() { pinMode(9, OUTPUT); // Connect to base of NPN transistor } void loop() { tone(9, 2300); // Send 2.3kHz square wave delay(500); noTone(9); delay(500); } ``` --- ### 4. Common Applications * **Home Appliances:** Microwave ovens, washing machines, and air conditioners for "end of cycle" alerts. * **Security Systems:** Feedback for keypad presses or alarm triggers. * **Medical Devices:** Low-battery or error notifications. * **Automotive:** Dashboard indicators and turn signal feedback.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LHZ-211-R and a piezo buzzer?
    • ⤷ Does the LHZ-211-R require an external oscillator to produce sound?
    • ⤷ What are the soldering requirements for this specific through-hole component?