전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LL4148

  • AI
    ## Overview of the LL4148 Diode The **LL4148** is a high-speed switching diode packaged in a surface-mount **MiniMELF** (SOD-80) glass case. It is the surface-mount equivalent of the famous through-hole **1N4148** diode. It is widely used in high-speed rectification, signal processing, and logic circuits due to its fast recovery time. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the LL4148: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Reverse Voltage (Peak)** | $V_{RRM}$ | 100 V | | **Continuous Forward Current** | $I_F$ | 200 mA - 300 mA | | **Forward Voltage Drop** | $V_F$ | 1.0 V (at 100 mA) | | **Reverse Recovery Time** | $t_{rr}$ | < 4 ns | | **Power Dissipation** | $P_{tot}$ | 500 mW | | **Operating Temperature** | $T_j$ | -65°C to +175°C | --- ### Key Features * **Fast Switching:** The reverse recovery time ($t_{rr}$) of less than 4 nanoseconds makes it ideal for high-frequency applications. * **MiniMELF Package:** The cylindrical glass body (SOD-80) provides excellent hermetic sealing and thermal stability, though it can be harder to solder manually than flat SMD packages. * **Low Capacitance:** Typically around 4pF, which prevents signal distortion in high-speed data lines. * **Reliability:** Highly standardized and produced by numerous manufacturers (Vishay, OnSemi, NXP, etc.). --- ### Comparison: LL4148 vs. 1N4148 vs. 1N914 While these diodes are often used interchangeably, their primary differences lie in the packaging and minor leakage current specs: 1. **1N4148:** The standard axial leaded version (through-hole). 2. **LL4148:** The MiniMELF surface-mount version of the 1N4148. 3. **1N914:** An older version with slightly higher leakage current specs, but practically identical in most hobbyist circuits. --- ### Typical Applications The LL4148 is found in almost every type of electronic device. Common use cases include: * **High-Speed Switching:** Used in digital logic gates to ensure rapid state transitions. * **Clipping and Clamping:** Protecting sensitive IC inputs from voltage spikes. * **General Purpose Rectification:** Small-scale AC to DC conversion (not for power supplies). * **Signal Detection:** Used in radio frequency (RF) demodulation circuits. --- ### Pinout and Identification The LL4148 is a polarized component. It features a **black or colored band** on the glass body. * **Band Side:** Cathode (-) * **Opposite Side:** Anode (+)
    ✨ Follow-up Questions
    • What are the advantages of the MiniMELF package over the SOD-123 package for the 4148 diode?
    • How does the reverse recovery time impact high-frequency circuit performance?
    • Can the LL4148 be used for power rectification in a 12V power supply?