전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LLSD103C

  • AI
    ## Technical Overview of the LLSD103C The **LLSD103C** is a high-speed **Schottky Barrier Diode** housed in a MiniMELF (SOD-80) glass package. It is specifically designed for surface-mount applications requiring low forward voltage drops and fast switching speeds. --- ### 1. Key Technical Specifications The LLSD103C belongs to the SD103 series, with the "C" variant typically denoting specific voltage and current ratings. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 20 | Volts | | **Forward Continuous Current** | $I_F$ | 350 | mA | | **Forward Voltage Drop** (at 20mA) | $V_F$ | < 0.37 | Volts | | **Reverse Recovery Time** | $t_{rr}$ | 10 | ns | | **Power Dissipation** | $P_{tot}$ | 400 | mW | | **Operating Temperature** | $T_j$ | -55 to +125 | °C | --- ### 2. Major Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower $V_F$ (approx. 0.3V) compared to standard silicon diodes (0.7V), leading to higher efficiency. * **Fast Switching:** The 10ns recovery time makes it ideal for high-frequency signal processing. * **MiniMELF Package:** The hermetically sealed glass SOD-80 package provides excellent stability and environmental protection, though it requires specific handling during automated PCB assembly due to its cylindrical shape. * **Low Capacitance:** Minimizes signal distortion in RF or high-speed data lines. --- ### 3. Common Applications The LLSD103C is versatile and found in various electronic circuits: 1. **Clamping & Protection:** Protecting sensitive IC inputs from voltage spikes. 2. **Rectification:** Used in low-voltage switching power supplies or DC-DC converters where efficiency is critical. 3. **Signal Detection:** High-speed switching in radio frequency (RF) circuits. 4. **Logic Steering:** Directing signals in digital circuits with minimal voltage loss. --- ### 4. Comparison: LLSD103A vs. B vs. C The primary difference between the variants in this series is the **Reverse Voltage ($V_R$)** rating: * **LLSD103A:** 40V * **LLSD103B:** 30V * **LLSD103C:** 20V (Lower voltage, often optimized for the lowest forward drop).
    ✨ Follow-up Questions
    • ⤷ What are the soldering precautions for the MiniMELF package?
    • ⤷ How does the LLSD103C compare to the 1N4148 switching diode?
    • ⤷ Can the LLSD103C be used for power rectification above 500mA?