전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LM-DF-R

  • AI
    The **LM-DF-R** is a series of electronic components typically associated with high-frequency communication modules, specifically **Dual-Frequency Passive RFID or NFC Transponders**. These are often found in automotive, logistics, or secure access control applications. Below is a breakdown of the electronic architecture and specifications commonly found in this series. --- ### 1. Key Electronic Specifications The "DF" in the model name usually signifies **Dual Frequency**, meaning the part integrates two distinct resonance circuits to handle different communication standards. | Feature | Specification Details | | :--- | :--- | | **Frequency Range 1** | Low Frequency (LF) ~125 kHz or High Frequency (HF) 13.56 MHz | | **Frequency Range 2** | Ultra-High Frequency (UHF) 860-960 MHz | | **Impedance** | Typically matched to 50 $\Omega$ for UHF stages | | **Memory Type** | EEPROM (Usually 512 bits to 2k bits) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Material** | FR4 or PET Substrate with Etched Copper/Aluminum | --- ### 2. Internal Component Architecture The LM-DF-R series typically consists of three primary electronic layers: 1. **The Integrated Circuit (IC):** * A silicon chip that handles data processing, encryption (like AES or DESFire), and power management. * It harvests energy from the RF field (Passive), meaning it has no battery. 2. **The Dual-Antenna System:** * **Coil Antenna:** A multi-turn copper wire loop for LF/HF magnetic induction. * **Dipole Antenna:** A linear or "dog-bone" shaped conductive trace for UHF long-range communication. 3. **Matching Network:** * Surface-mount capacitors or specialized trace geometry used to tune the resonance frequency ($f_r$) to ensure maximum power transfer between the reader and the tag. --- ### 3. Functional Applications Because of its dual-frequency nature, the electronic design allows for two different use cases in one part: * **Proximity (HF/NFC):** Used for smartphone interaction or secure tap-to-entry. * **Long Range (UHF):** Used for automated warehouse scanning or vehicle identification from several meters away. --- ### 4. Technical Pinout/Interface (If Modular) If the LM-DF-R is in a module format (rather than a sticker/tag), it generally follows this pin logic: ```c // Typical Pin Configuration for LM-DF Series Modules 1. VCC [Power Supply - typically 3.3V] 2. GND [Ground] 3. TX/RX [UART/I2C Communication] 4. ANT [External Antenna Port - 50 Ohm] 5. IRQ [Interrupt Request - signals data ready] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum read range for the UHF component of the LM-DF-R?
    • ⤷ Does the LM-DF-R support AES-128 encryption for secure data transfer?
    • ⤷ What are the specific soldering requirements for the LM-DF-R surface mount versions?