전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LM317AL-AA3-R

  • AI
    ## Technical Overview of LM317AL-AA3-R The **LM317AL-AA3-R** is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 100mA over an output voltage range of 1.25V to 37V. It is a low-current version of the popular LM317 series, specifically designed for applications where high precision and low quiescent current are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage Range** | 1.25V to 37V | | **Output Current** | 100mA (Max) | | **Input-Output Differential** | 40V (Max) | | **Reference Voltage** | 1.25V (Typical) | | **Package Type** | SOT-223 | | **Operating Temperature** | -40°C to +125°C | | **Line Regulation** | 0.01% / V | --- ### 2. Pin Configuration (SOT-223) The "AA3" in the part number indicates the SOT-223 package, which is commonly used for surface-mount designs requiring moderate heat dissipation. 1. **ADJ (Adjust):** Used to set the output voltage via a resistor divider. 2. **Vout (Output):** The regulated output voltage (internally connected to the large tab). 3. **Vin (Input):** The unregulated input voltage. --- ### 3. Circuit Operation The LM317AL develops a nominal 1.25V reference voltage ($V_{ref}$) between the output and the adjustment terminal. This is used to maintain a constant current through an external resistor divider. #### Voltage Calculation Formula: The output voltage is determined by the following formula: ```math V_{out} = 1.25V \times (1 + \frac{R_2}{R_1}) + (I_{adj} \times R_2) ``` * **$R_1$:** Usually $240\Omega$ or $120\Omega$ (connected between Vout and ADJ). * **$R_2$:** Variable or fixed resistor (connected between ADJ and Ground). * **$I_{adj}$:** Typically very small ($50\mu A$), often ignored in basic calculations. --- ### 4. Part Number Breakdown: `LM317AL-AA3-R` * **LM317:** Base model for adjustable positive linear regulators. * **A:** High-accuracy version (tighter reference voltage tolerance). * **L:** Low current version (100mA vs. the standard 1.5A). * **AA3:** Package code for **SOT-223**. * **R:** Tape & Reel packaging for automated assembly. --- ### 5. Essential Design Considerations * **Stability:** It is highly recommended to use a **0.1µF disc capacitor** on the input if the device is far from the power supply filter. An optional **1µF tantalum capacitor** on the output improves transient response. * **Protection Diodes:** When using large output capacitors, it is best practice to add protection diodes to prevent the capacitors from discharging back into the regulator during a short circuit. * **Thermal Management:** Although the "L" version is low current, the SOT-223 package requires adequate copper area on the PCB for heat sinking if the voltage drop $(V_{in} - V_{out})$ is high.
    ✨ Follow-up Questions
    • ⤷What is the difference between the LM317L and the standard LM317?
    • ⤷ How do I calculate the power dissipation for the SOT-223 package?
    • ⤷ Can the LM317AL be used as a constant current regulator?