전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LM317ML-AA3-R

  • AI
    ## Overview of the LM317ML-AA3-R The **LM317ML-AA3-R** is a specific variant of the popular LM317 series. It is an **Adjustable 3-Terminal Positive Voltage Regulator** designed to supply more than 100mA of load current with an output voltage adjustable over a range of 1.2V to 37V. The suffix code `AA3` typically refers to the **SOT-223** surface-mount package, and `R` usually denotes **Tape & Reel** packaging. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | Adjustable | | **Input Voltage (Max)** | 40V (Voltage differential $V_{in} - V_{out}$) | | **Output Voltage Range** | 1.25V to 37V | | **Output Current** | 100mA (Minimum guaranteed) | | **Reference Voltage** | 1.25V (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-223 (Small Outline Transistor) | --- ### 2. Internal Functionality The device is exceptionally easy to use, requiring only two external resistors to set the output voltage. It includes several internal protection features: * **Internal Short-Circuit Current Limiting:** Limits the current if the output is shorted to ground. * **Thermal Overload Protection:** Shuts down the device if the internal temperature becomes too high. * **Safe Area Compensation:** Adjusts the output current limit based on the voltage across the regulator to prevent transistor failure. --- ### 3. Application Circuit (Standard Hookup) To set the output voltage ($V_{out}$), you use a resistive divider between the Output, Adjustment, and Ground pins. ```text Vin ---- [LM317ML] ---- Vout | | |---[R1]-----| | | |---[R2]----- GND | ADJ ``` #### The Formula: The output voltage is calculated using: $$V_{out} = 1.25V \times \left(1 + \frac{R_2}{R_1}\right) + (I_{adj} \times R_2)$$ *(Note: $I_{adj}$ is usually small enough to be neglected in basic calculations.)* --- ### 4. Pin Configuration (SOT-223) | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **ADJ** | Adjust pin; used to set the output voltage. | | **2 / Tab** | **Vout** | Output voltage (connected to the large cooling tab). | | **3** | **Vin** | Unregulated input voltage. | --- ### 5. Pros and Cons of the LM317ML **Pros:** * **Versatility:** Can be used as a programmable output regulator or a precision current limiter. * **Robustness:** Hard to destroy due to thermal and current limiting. * **Form Factor:** The SOT-223 package is excellent for space-constrained PCB designs. **Cons:** * **Efficiency:** As a linear regulator, it dissipates heat based on the voltage drop ($P = (V_{in} - V_{out}) \times I_{load}$). * **Current Limit:** Limited to 100mA, unlike the standard LM317 (1.5A) or LM317M (500mA).
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-223 package of the LM317ML?
    • ⤷ How do I calculate the heat sink requirements for this regulator?
    • ⤷ Can the LM317ML be used as a constant current source?