전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LM324-P14-R

  • AI
    ## Overview of the LM324-P14-R The **LM324-P14-R** is a specific variant of the widely-used LM324 series. It is a **Quad Operational Amplifier (Op-Amp)**, meaning it contains four independent, high-gain, internally frequency-compensated operational amplifiers in a single package. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | 3V to 32V | | **Supply Voltage (Dual)** | ±1.5V to ±16V | | **Package Type** | TSSOP-14 or PDIP-14 (Depending on manufacturer suffix) | | **Gain Bandwidth Product** | 1.2 MHz | | **Slew Rate** | 0.5 V/µs | | **Operating Temperature** | -25°C to +85°C (Standard Industrial) | --- ### Internal Features and Architecture The LM324 is designed specifically to operate from a **single power supply** over a wide range of voltages. Its internal design offers several advantages for modern electronic circuits: 1. **True Differential Inputs:** The input common-mode voltage range includes the negative supply (ground), which eliminates the need for external biasing components in many applications. 2. **Low Power Consumption:** It features a very low supply current drain (typically 700 µA), making it ideal for battery-operated devices. 3. **Internally Compensated:** It does not require external capacitors for frequency stability. --- ### Pinout Configuration (14-Pin Layout) The "P14" in the part number typically refers to the **14-pin** configuration. The layout is standard across most manufacturers: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT 1 | Output of the first Op-Amp | | 2 | INPUT 1- | Inverting input of the first Op-Amp | | 3 | INPUT 1+ | Non-inverting input of the first Op-Amp | | 4 | Vcc | Positive power supply | | 5 | INPUT 2+ | Non-inverting input of the second Op-Amp | | 6 | INPUT 2- | Inverting input of the second Op-Amp | | 7 | OUTPUT 2 | Output of the second Op-Amp | | 8 | OUTPUT 3 | Output of the third Op-Amp | | 9 | INPUT 3- | Inverting input of the third Op-Amp | | 10 | INPUT 3+ | Non-inverting input of the third Op-Amp | | 11 | GND / Vee | Ground or negative power supply | | 12 | INPUT 4+ | Non-inverting input of the fourth Op-Amp | | 13 | INPUT 4- | Inverting input of the fourth Op-Amp | | 14 | OUTPUT 4 | Output of the fourth Op-Amp | --- ### Common Applications Because it contains four amplifiers, the LM324-P14-R is often used in complex signal processing tasks: * **Transducer Amplifiers:** Scaling signals from sensors (LDRs, Thermistors). * **DC Gain Blocks:** Simple signal boosting. * **Active Filters:** Designing Low-pass, High-pass, or Band-pass filters. * **Comparators:** Comparing two voltages to trigger a logic output. * **Oscillators:** Generating square, sine, or triangle waves. --- ### Decoding the Part Number Suffixes * **LM324:** The base model number. * **P14:** Indicates a 14-pin package (usually Plastic DIP or TSSOP). * **R:** Often signifies **Tape and Reel** packaging for automated assembly, or a specific revision by the manufacturer (like Rohm or Texas Instruments).
    ✨ Follow-up Questions
    • ⤷What is the difference between LM324 and LM358?
    • ⤷ How do I calculate the gain for a non-inverting amplifier using the LM324?
    • ⤷ Can the LM324 be used with a split/dual power supply?