전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LM339-P14-R

  • AI
    ### Overview of the LM339-P14-R The **LM339-P14-R** is a specific part number variation of the industry-standard LM339 integrated circuit. It belongs to a family of **quad differential comparators**. These devices are designed to compare two voltage levels and output a digital signal indicating which one is higher. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Comparators** | 4 (Quad) | | **Supply Voltage (Single)** | +2V to +36V | | **Supply Voltage (Dual)** | ±1V to ±18V | | **Output Type** | Open Collector | | **Package Type** | TSSOP-14 or SOP-14 (indicated by P14) | | **Response Time** | 1.3 µs (Typical) | | **Operating Temperature** | -40°C to +125°C (Extended range) | --- ### Internal Structure and Features 1. **Open-Collector Output:** The LM339 uses an open-collector configuration. This means the output requires an external **pull-up resistor** to function. This allows the IC to interface with different logic levels (e.g., 3.3V, 5V, or 15V) regardless of the supply voltage. 2. **Wide Common-Mode Range:** The input common-mode voltage range includes ground, even when operated from a single supply voltage. 3. **Low Power Consumption:** It is designed for low power drain, making it suitable for battery-operated devices. 4. **Quad Configuration:** Having four independent comparators in one package allows for complex logic operations or window comparators in a compact space. --- ### Pinout Configuration (14-Pin) The "P14" in the part number refers to the 14-pin package. The typical layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | Output 2 | Output of the second comparator | | 2 | Output 1 | Output of the first comparator | | 3 | Vcc | Positive Supply Voltage | | 4 | Input 1- | Inverting input of comparator 1 | | 5 | Input 1+ | Non-inverting input of comparator 1 | | 6 | Input 2- | Inverting input of comparator 2 | | 7 | Input 2+ | Non-inverting input of comparator 2 | | 8 | Input 3- | Inverting input of comparator 3 | | 9 | Input 3+ | Non-inverting input of comparator 3 | | 10 | Input 4- | Inverting input of comparator 4 | | 11 | Input 4+ | Non-inverting input of comparator 4 | | 12 | GND | Ground (or negative supply) | | 13 | Output 4 | Output of the fourth comparator | | 14 | Output 3 | Output of the third comparator | --- ### Typical Applications * **Limit Comparators:** Checking if a voltage is above or below a set reference. * **Zero-Crossing Detectors:** Detecting when an AC signal crosses 0V. * **Oscillators:** Creating square wave generators. * **Level Translators:** Converting signals between different voltage domains (e.g., 12V logic to 5V logic). * **Battery Monitors:** Triggering an LED or alarm when battery voltage drops below a threshold.
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the open-collector output in the LM339?
    • ⤷ How do I calculate the value for the required pull-up resistor?
    • ⤷ What is the difference between an operational amplifier and a comparator like the LM339?