전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LM39102G-SH2-R

  • AI
    The **LM39102G-SH2-R** is a high-performance, low-dropout (LDO) linear voltage regulator. It is designed for applications requiring high current, fast transient response, and precision output voltage. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the LM39102G-SH2-R: | Parameter | Specification | | :--- | :--- | | **Output Current** | 1.0 Ampere | | **Input Voltage Range** | 2.25V to 16V | | **Dropout Voltage** | Typ. 410mV @ 1A | | **Output Type** | Adjustable (ADJ) | | **Reference Voltage** | 1.24V | | **Package Type** | HSOP-8 / SOP-8 (Exposed Pad) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Features The "G" in the part number usually signifies a "Green" (Halogen-free) product, and the suffix "R" typically denotes Tape & Reel packaging. * **Adjustable Output:** Unlike fixed-voltage regulators, this part uses an external resistor divider to set the output voltage from 1.24V up to nearly the input voltage. * **Fast Transient Response:** Optimized for powering digital circuits (like FPGAs or DSPs) where load currents can change rapidly. * **Protection Circuitry:** * **Current Limiting:** Protects the device during overload conditions. * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safety limits. * **Reverse Current Protection:** Prevents damage if the output voltage is higher than the input voltage. * **Enable Pin (EN):** Allows the regulator to be turned on or off digitally to save power in standby mode. --- ### 3. Application Circuit (Example) To calculate the output voltage ($V_{OUT}$), the following standard formula for adjustable LDOs is used: ```cpp // Vout Formula Vout = Vref * (1 + R1 / R2) // Where: // Vref = 1.24V // R1 = Resistor between OUT and ADJ pins // R2 = Resistor between ADJ and GND pins ``` ### 4. Comparison with Standard Regulators | Feature | LM39102G | Standard 7805 | | :--- | :--- | :--- | | **Efficiency** | High (LDO) | Low (Non-LDO) | | **Dropout** | ~0.4V | ~2.0V | | **Adjustability** | Yes | No (Fixed) | | **Size** | Small Surface Mount | Large TO-220 | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the HSOP-8 package?
    • ⤷ How do I select the capacitor values for stability?
    • ⤷ What are the common pinout configurations for the LM39102?