LM78M05CT...
AI

## Technical Overview: LM78M05CT
The **LM78M05CT** is a popular three-terminal positive voltage regulator. It belongs to the 78xx series, specifically the medium-power "M" variants, designed to provide a stable +5V output for electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | +5.0 V |
| **Input Voltage (Min - Max)** | 7.5 V - 35 V |
| **Maximum Output Current** | 500 mA (0.5A) |
| **Quiescent Current** | ~4 mA - 6 mA |
| **Package Type** | TO-220 (Through-Hole) |
| **Operating Temperature** | 0°C to +125°C |
---
### 2. Functional Characteristics
The "78M05" designation breaks down as follows:
* **78**: Positive voltage regulator series.
* **M**: Medium current (up to 500mA). Note that the standard 7805 handles 1A, while the 78L05 handles 100mA.
* **05**: Fixed output voltage of 5 Volts.
* **CT**: Typically refers to the package type (TO-220) and the temperature range.
#### Internal Protection Features:
1. **Thermal Overload Protection:** Shuts down the IC if it gets too hot to prevent permanent damage.
2. **Short Circuit Current Limiting:** Limits the current output if the load shorts.
3. **Safe Area Compensation:** Ensures the internal output transistor operates within safe limits.
---
### 3. Pinout Configuration (TO-220 Package)
Looking at the front of the chip (labeled side, pins pointing down):
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **INPUT** | Unregulated DC voltage (7.5V to 35V) |
| 2 | **GROUND** | Common ground for both input and output |
| 3 | **OUTPUT** | Regulated +5V output |
---
### 4. Basic Application Circuit
To ensure stability and reduce noise, external capacitors are highly recommended.
```c
Unregulated Regulated
DC Input (Vin) DC Output (+5V)
o-----------[ LM78M05CT ]-----------o
| In Out |
+ | GND | +
C1(0.33uF) +------|------+ C2(0.1uF)
- | -
o------------------+----------------o
Ground
```
* **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter. Usually 0.33µF Ceramic.
* **C2 (Output Capacitor):** Improves transient response and stability. Usually 0.1µF Ceramic or 10µF Electrolytic.
---
### 5. Common Use Cases
* **Microcontroller Power:** Providing a steady 5V for Arduino, AVR, or PIC chips.
* **Local On-card Regulation:** Dropping a higher system voltage (like 12V or 24V) down to 5V at the point of use to eliminate noise.
* **Power Supplies:** Used in DIY laboratory power supplies or battery-powered devices.
---
- ⤷
What is the difference between the LM78M05 and the standard LM7805?
- ⤷ How much heat sinking does the LM78M05CT require at 12V input?
- ⤷ Can this regulator be used to charge a Li-ion battery directly?