전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LMK105BJ104ME-R

  • AI
    ## Analysis of LMK105BJ104ME-R The **LMK105BJ104ME-R** is a specific type of Multi-Layer Ceramic Capacitor (MLCC) manufactured by **Taiyo Yuden**. It is a surface-mount device (SMD) commonly used for decoupling and filtering in compact electronic circuits. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | 0.1 µF (100,000 pF) | | **Voltage Rating (DC)** | 10V | | **Tolerance** | ±20% | | **Temperature Coefficient** | X5R (Operating range: -55°C to +85°C) | | **Package / Case** | 0402 (1005 Metric) | | **Dimensions** | 1.0mm x 0.5mm | | **Dielectric Material** | Ceramic | | **Termination** | Standard (Sn - Tin) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying equivalent parts: * **LMK**: Indicates the Rated Voltage (L = 10V). * **105**: Represents the Dimensions (1.0 x 0.5mm, commonly known as 0402). * **BJ**: Refers to the Temperature Characteristics (X5R). * **104**: The Capacitance Code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^4$ pF = 100nF or 0.1µF). * **M**: Tolerance code (M = ±20%). * **E-R**: Packaging/Suffix information (usually Embossed Tape or RoHS compliance markers). --- ### 3. Key Electronic Characteristics * **X5R Dielectric:** This is a Class II ceramic material. It offers a high volumetric efficiency (high capacitance in a small package) but is subject to capacitance changes based on temperature and DC bias. * **Decoupling Applications:** Due to its 0.1µF value, it is the "standard" capacitor used to filter high-frequency noise near the power pins of integrated circuits (ICs). * **Low ESR/ESL:** As an MLCC, it features very low Equivalent Series Resistance (ESR) and Equivalent Series Inductance (ESL), making it ideal for high-speed switching applications. --- ### 4. Typical Usage Scenarios 1. **Bypass/Decoupling:** Placed between VCC and Ground to stabilize power delivery. 2. **Signal Smoothing:** Used in low-pass filters for analog signals. 3. **Consumer Electronics:** Found in smartphones, tablets, and wearables due to the miniature 0402 footprint.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between X5R and X7R dielectrics?
    • ⤷ How does DC bias affect the capacitance of this specific MLCC?
    • ⤷ Can I substitute a 16V rated capacitor for this 10V part?