전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LMS-0D-R

  • AI
    The **LMS-0D-R** (often associated with high-precision sensors or measurement systems, specifically within the laser measurement or displacement sensor categories) is an electronic module designed for industrial automation. Below is a breakdown of its electronic components, specifications, and interface characteristics. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Laser Displacement Sensor / Receiver Unit | | **Operating Voltage** | 12V to 24V DC | | **Current Consumption** | $\approx$ 50mA to 100mA | | **Output Type** | Analog (0-10V or 4-20mA) and Digital (NPN/PNP) | | **Resolution** | Micron-level (depends on model configuration) | | **Response Time** | < 1.5ms | --- ## 2. Core Electronic Parts ### A. Optical Receiver (Photodiode Array) The "R" in the suffix usually denotes the **Receiver** unit. * **PSD (Position Sensitive Detector):** This is the core electronic part that converts the incoming light spot into an electrical signal. * **CMOS/CCD Element:** High-end versions use a linear CMOS image sensor to process the light distribution for higher accuracy against varying surface textures. ### B. Signal Processing Circuitry * **A/D Converter (Analog-to-Digital):** Converts the continuous voltage from the photodetector into digital data for the microprocessor. * **Microcontroller (MCU):** An onboard processor (often ARM-based) that calculates the distance based on the angle of the reflected light (Triangulation principle). * **Filters:** Electronic noise filters to prevent interference from ambient light or electrical "hum" from industrial motors. ### C. Input/Output (I/O) Stage * **Transistors (NPN/PNP):** These electronic switches handle the digital "Go/No-Go" signals for automation logic. * **Operational Amplifiers (Op-Amps):** Used to scale and stabilize the 0-10V or 4-20mA analog output signals. --- ## 3. Wiring and Connectivity The LMS-0D-R typically uses a multi-core shielded cable to protect sensitive electronic signals from Electromagnetic Interference (EMI). 1. **Power Leads:** Red/Brown (Positive), Blue (GND). 2. **Analog Output:** Yellow/White (Carries the measurement value). 3. **Control Input:** Pink (Used for external zero-reset or laser-off functions). 4. **Digital Output:** Black (Switching signal). --- ## 4. Key Electronic Features * **Reverse Polarity Protection:** Prevents the device from burning out if the DC power wires are swapped. * **Short-Circuit Protection:** Safeguards the output transistors if the load is incorrectly wired. * **Linearity Compensation:** The electronic firmware corrects non-linearities in the optical path to ensure a flat measurement curve. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific measurement range of the LMS-0D-R model?
    • ⤷ How do I calibrate the analog output for this sensor?
    • ⤷ What is the difference between the 'R' receiver unit and the 'T' transmitter unit in this series?