전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LMS-0G-R/Q

  • AI
    The **LMS-0G-R/Q** series refers to a specific range of high-performance, miniature linear motor stages, often manufactured by companies like **Akribis Systems**. These stages are designed for precision motion control in compact spaces. Below is a breakdown of the electronic components and technical specifications associated with these parts. --- ### 1. Key Electronic Components The functionality of the LMS-0G-R/Q depends on three primary electronic sub-systems: | Component | Description | Function | | :--- | :--- | :--- | | **Linear Motor** | Ironless linear motor coil assembly. | Converts electrical energy into linear mechanical motion via Lorentz force. | | **Encoder** | Optical or Magnetic linear scale (Analog or Digital). | Provides position feedback to the controller for closed-loop operation. | | **Hall Sensors** | Integrated magnetic sensors. | Detects the magnetic pole orientation for motor commutation upon startup. | ### 2. Technical Specifications The "R" and "Q" designations typically refer to the motor winding types or encoder resolutions. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | 3-Phase Brushless Linear Motor | | **Feedback Type** | Digital RS422 (Incremental) or 1Vpp (Analog) | | **Encoder Resolution** | 0.1 $\mu$m to 1.0 $\mu$m (Model dependent) | | **Continuous Force** | 2N - 10N | | **Peak Force** | 6N - 30N | | **Max Voltage** | 48VDC to 80VDC | ### 3. Wiring and Interfacing The stage typically interfaces with a motion controller/drive via a high-flex cable. The pinout generally includes: * **Motor Phases:** U, V, W (and Ground). * **Encoder Signals:** A+, A-, B+, B-, Z+, Z- (Differential signals for noise immunity). * **Power:** +5VDC for encoder and Hall sensors. * **Safety:** Positive/Negative limit switches and Home switch. ### 4. Drive Requirements To operate the LMS-0G-R/Q, an electronic **Servo Drive** is required. The drive must support: 1. **Pulse Width Modulation (PWM):** For controlling current to the motor phases. 2. **Commutation:** Usually Sine-wave commutation based on Hall sensor or encoder feedback. 3. **PID Tuning:** To stabilize the high-speed, low-friction movement of the ironless motor. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q versions of the LMS-0G?
    • ⤷ Which servo drives are compatible with Akribis linear motors?
    • ⤷ How do you calibrate the linear encoder on this stage?