전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LMS-A13-R

  • AI
    The **LMS-A13-R** is a high-performance linear motor stage designed for precision motion control applications. It is typically used in industrial automation, semiconductor manufacturing, and laboratory instrumentation where high speed and sub-micron accuracy are required. ### 1. Core Electronic Components The "R" suffix in the model usually indicates the inclusion of a high-resolution **Renishaw** encoder or a similar rotary/linear feedback system. | Component | Description | Function | | :--- | :--- | :--- | | **Linear Motor Coil** | Ironless or Iron-core electromagnetic coil. | Converts electrical energy directly into linear motion via Lorentz force. | | **Optical Encoder** | High-resolution feedback sensor (typically 1µm to 50nm). | Provides real-time position data to the servo drive to close the loop. | | **Limit Switches** | Optical or magnetic proximity sensors. | Prevents mechanical over-travel by cutting power or signaling the controller. | | **Hall Effect Sensors** | Magnetic field sensors. | Used for motor commutation (identifying the magnet pole positions) during startup. | | **Thermal Sensor** | Integrated Thermistor (NTC/PTC). | Monitors coil temperature to prevent overheating during high-duty cycles. | --- ### 2. Technical Specifications While specific parameters can vary based on the manufacturer (such as Akribis or similar motion vendors), the electronic profile typically follows these standards: * **Motor Type:** 3-Phase Brushless Linear Motor. * **Feedback Interface:** RS-422 Digital Square Wave (A-B-Z) or BiSS-C/SinCos. * **Operating Voltage:** Generally 24VDC to 310VDC depending on the drive pairing. * **Communication:** Requires an external Servo Drive (e.g., Elmo, ACS, or Mitsubishi). --- ### 3. Wiring and Interfacing The stage usually features a high-flex cable exit or a specific connector block (like a D-Sub or Circular M12/M23) with the following pinout groups: ```yaml Wiring_Groups: Power: [U, V, W, PE (Ground)] Feedback: [5V, 0V, A+, A-, B+, B-, Z+, Z-] Sensors: [Limit+, Limit-, Home, Hall_A, Hall_B, Hall_C] Protection: [Temp+, Temp-] ``` ### 4. System Integration To operate the LMS-A13-R, the electronics must be integrated into a "Motion Loop": 1. **Controller:** Sends trajectory commands (G-code or API calls). 2. **Servo Drive:** Receives the command and the **Encoder** feedback, then modulates current to the **Motor Coil**. 3. **Power Supply:** Provides the DC bus voltage for the drive.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting dimensions for the LMS-A13-R?
    • ⤷ Which servo drives are most compatible with this linear stage?
    • ⤷ How do I calibrate the optical encoder for sub-micron precision?