LMS-A4W-R
AI

The **LMS-A4W-R** is a high-performance linear motor stage typically manufactured by companies like **Akribis Systems**. It belongs to a series of modules designed for high precision, high acceleration, and long-travel applications.
---
### 1. Key Electronic & Electromechanical Components
The functionality of the LMS-A4W-R relies on several integrated electronic parts that handle motion, feedback, and safety.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Linear Motor Coil** | Ironless or Iron-core (depending on specific sub-config) | Converts electrical energy into linear mechanical force. |
| **Encoder Readhead** | Optical or Magnetic sensor | Reads the scale position to provide real-time feedback. |
| **Linear Scale** | High-resolution tape or glass scale | Provides the physical reference for position tracking (often micron or sub-micron). |
| **Hall Effect Sensors** | Magnetic sensors located near the coil | Used for commutation (determining the phase of the motor during startup). |
| **Limit Switches** | End-of-travel sensors | Provides safety signals to the controller to prevent mechanical crashes. |
| **Thermal Sensors** | NTC Thermistor or PT100 | Monitors the coil temperature to prevent overheating. |
---
### 2. Electrical Specifications
While specific ratings can vary based on the winding configuration, the general electrical characteristics of the LMS series are as follows:
- **Bus Voltage:** Generally supports up to **300VDC** or **600VDC** depending on the drive used.
- **Feedback Interface:** Typically uses **1Vpp Sin/Cos** or **Digital RS422 (A-quad-B)** signals.
- **Commutation:** Digital Hall signals (U, V, W phases).
- **Wiring Connection:** Usually involves high-flex cabling designed for continuous motion.
---
### 3. Wiring and Pinout Categories
The electronics are typically divided into two main cable sets:
#### A. Power Cable
Contains the high-voltage lines for the motor phases:
- **Phase U, V, W:** The primary power drive.
- **PE (Protective Earth):** Vital for grounding the moving carriage.
#### B. Feedback/Signal Cable
Contains the low-voltage logic signals:
- **Encoder Power:** Usually +5V DC.
- **A/B/Index Channels:** Position data.
- **Hall Signals:** Phase alignment.
- **Limit/Home Signals:** Travel boundaries.
- **Temp Sensor:** Thermal protection loop.
---
### 4. System Integration Example
```mermaid
graph LR
A[Motion Controller] --> B[Servo Drive]
B --> C{LMS-A4W-R}
C -->|Feedback/Encoder| B
C -->|Limit Signals| A
C -->|Hall Signals| B
```
---
- ⤷
What are the maximum acceleration and velocity ratings for the LMS-A4W-R?
- ⤷ Which servo drives are most compatible with Akribis LMS series stages?
- ⤷ How do you calibrate the encoder readhead on this specific linear stage?