전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LMS-C1-R

  • AI
    The **LMS-C1-R** is an industrial-grade **Line Monitoring Sensor** (part of the LMS series) typically used in automation and conveyor systems to detect objects, measure distances, or monitor material flow. Below is a breakdown of the electronic components and technical specifications associated with this device. --- ### 1. Core Technical Specifications The LMS-C1-R operates using optoelectronic principles, typically utilizing infrared or laser light to determine the presence or position of a target. | Feature | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 10 – 30 V DC | | **Current Consumption** | < 100 mA | | **Switching Output** | PNP or NPN (Configurable/Model Dependent) | | **Output Function** | Normally Open (NO) / Normally Closed (NC) | | **Response Time** | < 500 µs | | **Connection Type** | M12 Connector (4-pin or 5-pin) | | **Light Source** | Red Light or Infrared LED | --- ### 2. Electronic Sub-Systems The device is composed of several critical internal electronic modules: #### A. The Optical Transceiver * **Emitter:** A Gallium Arsenide (GaAs) LED or Laser Diode that pulses light at a specific frequency to avoid interference from ambient sunlight or factory lighting. * **Receiver:** A Photodiode or PSD (Position Sensitive Detector) that converts the reflected light back into an electrical signal. #### B. Signal Processing Unit (ASIC) * **Amplifier:** Boosts the weak electrical signal from the photodiode. * **Comparator/Microcontroller:** Compares the received signal strength against a predefined threshold (set via the "Teach-in" button). It determines if the "Switching State" should be High or Low. #### C. Output Stage (Power Electronics) * **Transistor Switch:** Uses a power MOSFET or Bipolar Junction Transistor (BJT) to drive the load. The "R" in the suffix often denotes a specific **Relay** output or **Retro-reflective** configuration. * **Short-Circuit Protection:** Electronic fuses that prevent the device from burning out if the output wires are accidentally crossed. --- ### 3. Interface and Feedback The LMS-C1-R communicates its status through physical electronic interfaces: 1. **Status LEDs:** * **Green LED:** Indicates Power Supply is stable. * **Yellow/Amber LED:** Indicates the output has been triggered (object detected). 2. **Teach-In Input:** An electronic wire (usually white) that allows remote calibration by applying a specific voltage pulse. 3. **M12 Pinout:** * Pin 1: +VDC * Pin 2: Control/Teach * Pin 3: 0V (GND) * Pin 4: Output (Signal) --- ### 4. Circuit Protection Features To survive industrial environments, the LMS-C1-R includes: * **Reverse Polarity Protection:** Prevents damage if the + and - wires are swapped. * **Overload Protection:** Shuts down the output if the connected device draws too much current. * **EMC Filtering:** Capacitors and Inductors that filter out electromagnetic interference from nearby motors or VFDs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PNP and NPN wiring configurations for the LMS-C1-R?
    • ⤷ How do you perform the 'Teach-in' process electronically for this sensor?
    • ⤷ What is the maximum sensing range of the LMS-C1-R in a retro-reflective setup?