전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LMS-C4W-R/Q

  • AI
    Based on technical specifications for industrial wireless components, the **LMS-C4W-R/Q** typically refers to a high-performance **Wireless Remote Control System** or receiver module often used in crane and hoist applications. Below is a breakdown of the electronic parts and technical characteristics associated with this series. --- ## 1. Core Component Breakdown The device is composed of several critical electronic sub-systems designed for reliability in harsh industrial environments: | Component Category | Description | |:---|:---| | **Microcontroller (MCU)** | A high-speed processor that decodes incoming RF signals and executes safety logic. | | **RF Transceiver** | The radio frequency module (often 433MHz or 2.4GHz) that receives signals from the transmitter. | | **Relay Array** | Electromechanical relays (Q series often denotes specific relay counts) that switch the high-voltage/current loads for motors. | | **Power Supply Unit** | A step-down transformer or switching power supply (SMPS) converting AC (e.g., 48V-440V) to DC (5V/12V). | | **Antenna System** | Internal or external high-gain antenna for signal stability. | --- ## 2. Technical Specifications These parts are engineered to meet specific electrical standards for industrial automation: * **Operating Voltage:** Typically ranges from **24V to 440V AC/DC** depending on the specific model variant. * **Output Relays:** Rated for **5A to 10A at 250VAC**. * **Security Coding:** Uses a **Hamming Code** and unique ID codes (often 32-bit) to prevent interference from other remotes. * **Protection Circuitry:** Includes fuses and surge protectors to prevent damage from power spikes. --- ## 3. The "R/Q" Suffix Meaning In industrial wireless naming conventions, these suffixes usually define the electronic configuration of the output: ### **R (Receiver Unit)** The "R" indicates the **Receiver** module, which is the stationary part wired into the control panel of the machine. It contains the heavy-duty relays and the main logic board. ### **Q (Output Configuration)** The "Q" often refers to a specific **Quantity** or type of output contacts. For example: 1. **Contact Type:** Normally Open (NO) or Normally Closed (NC) configurations. 2. **Safety Logic:** The presence of a "Main Relay" or "E-Stop Relay" that cuts power to the entire board if communication is lost. --- ## 4. Key Electronic Features * **Watchdog Timer:** A circuit that resets the MCU if the software freezes. * **LED Diagnostics:** Onboard LEDs indicate power status, signal reception, and relay activity. * **Removable EEPROM:** Some versions include a removable memory chip to transfer settings to a new unit without re-pairing.
    ✨ Follow-up Questions
    • ⤷ What is the specific operating voltage range for the LMS-C4W-R model?
    • ⤷ Does this unit support programmable relay functions via software?
    • ⤷ What are the mounting requirements for the external antenna on this receiver?