전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LNBP9K7-R

  • AI
    ## Overview of the LNBP9K7-R The **LNBP9K7-R** is a specialized monolithic voltage regulator and interface IC, specifically designed to provide power and control signals to a **Low Noise Block (LNB)** downconverter in satellite TV receivers (set-top boxes). It is engineered to handle the complex signaling requirements of satellite systems while maintaining high efficiency and thermal stability. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | STMicroelectronics | | **Input Voltage Range** | 8V to 15V | | **Output Voltage (LNB)** | 13V (Vertical) / 18V (Horizontal) | | **Output Current** | Up to 700mA (Internal Limit) | | **Tone Frequency** | 22 kHz (Internal Generator) | | **Package Type** | PowerSO-10 (Surface Mount) | | **Operating Temperature** | -40°C to 125°C | --- ### Key Electronic Functions The LNBP9K7-R integrates several critical sub-circuits into a single chip: 1. **Dual Voltage Selection:** It switches the output between **13V and 18V** based on a logic input. This allows the satellite receiver to select the polarization (Vertical vs. Horizontal) of the LNB. 2. **22kHz Tone Generator:** It features a built-in oscillator that superimposes a 22kHz signal onto the DC output. This tone is used to switch the LNB between high and low frequency bands (DiSEqC™ protocol support). 3. **Step-Up Converter Interface:** The IC is often paired with a simple external inductor/diode circuit to boost the low input voltage (e.g., 12V) to the required 18V output. 4. **Protection Circuitry:** * **Over-temperature protection:** Shuts down the device if it exceeds safe thermal limits. * **Short-circuit protection:** Prevents damage to the set-top box if the coaxial cable is shorted. --- ### Typical Application Circuit Below is a conceptual representation of how the LNBP9K7-R is integrated into a system: ```mermaid graph LR A[Power Supply 12V] --> B(LNBP9K7-R) C[Microcontroller Logic] --> B B --> D[Filter/Coupling] D --> E[F-Connector to LNB] ``` ### Pin Configuration (PowerSO-10) | Pin Name | Function Description | | :--- | :--- | | **VCC** | Main Supply Input | | **VOUT** | Regulated Output to LNB | | **VSEL** | Logic input for 13V/18V selection | | **TEN** | Tone Enable (Turns 22kHz signal on/off) | | **EXTM** | External Modulation Input | | **GND** | Ground (Connected to thermal pad) | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LNBP9 and the LNBP20 series?
    • ⤷ Can the LNBP9K7-R be used for DiSEqC 2.0 communication?
    • ⤷ What external components are strictly required for the 22kHz tone generation to work?