LO-RHO-F1210L
AI

The **LO-RHO-F1210L** belongs to the **Low Rho (Low Resistance)** series of Polymer Positive Temperature Coefficient (PPTC) resettable fuses. These components are primarily used for overcurrent protection in electronic circuits where low resistance and a small form factor are critical.
---
## 1. Technical Specifications
The "1210" in the part number refers to the Surface Mount Device (SMD) package size, and the "L" typically denotes the low resistance characteristic.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Package Size** | 1210 (3.2 x 2.5 mm) |
| **Hold Current ($I_{hold}$)** | 1.21 A (Typical for this series) |
| **Trip Current ($I_{trip}$)** | ~2.42 A |
| **Max Voltage ($V_{max}$)** | 6V - 16V (Application dependent) |
| **Max Current ($I_{max}$)** | 50A - 100A |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Key Features
The LO-RHO series is engineered for specific performance advantages over standard PPTCs:
* **Ultra-Low Internal Resistance:** Minimizes power dissipation (voltage drop) during normal operation, which is vital for battery-powered devices.
* **Resettable Protection:** Unlike traditional glass or ceramic fuses, these do not need to be replaced after a fault. They "reset" once the power is removed and the device cools down.
* **Fast Response Time:** Designed to react quickly to overcurrent events to protect sensitive downstream semiconductors.
* **Thin Profile:** The "L" series often features a lower height profile to fit into slim consumer electronics like smartphones or tablets.
---
## 3. Working Principle
The device utilizes a conductive polymer composite.
1. **Normal State:** The carbon chains within the polymer are in a dense formation, allowing current to flow with minimal resistance.
2. **Fault State:** During an overcurrent or over-temperature event, the polymer expands due to Joule heating. This breaks the conductive paths.
3. **Tripped State:** The resistance increases exponentially (becoming an open circuit), protecting the load.
4. **Reset:** Once the fault is cleared and the temperature drops, the polymer contracts, and the conductive paths are restored.
---
## 4. Typical Applications
* **USB Port Protection:** Protecting USB 2.0/3.0/Type-C ports from short circuits.
* **Battery Packs:** Protecting Lithium-ion cells from over-discharge or external shorts.
* **Mobile Electronics:** Smartphones, tablets, and wearables where space is limited.
* **PC Motherboards:** Protection for I/O ports and peripheral power rails.
- ⤷
What is the exact voltage rating for the F1210L model?
- ⤷ How does the 'Low Rho' characteristic specifically benefit battery life?
- ⤷ What is the typical trip time for a 1210 SMD fuse at double the hold current?