전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LOR3-R0025-F

  • AI
    ## Analysis of LOR3-R0025-F (Low Ohmic Resistor) The part number **LOR3-R0025-F** refers to a high-precision, low-resistance power resistor, typically used for current sensing applications. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Specification Breakdown The nomenclature of this part usually follows a standard manufacturer coding system (often associated with brands like Ohmite or similar precision resistor manufacturers): | Feature | Value | Description | | :--- | :--- | :--- | | **Series** | LOR3 | Low Ohmic Resistor, 3-Watt Power Rating | | **Resistance Value** | R0025 | 0.0025 Ohms (2.5 mΩ) | | **Tolerance** | F | ±1% (Precision Grade) | | **Package Type** | Radial/Leaded | Typically a molded or metal element package | --- ### 2. Key Technical Characteristics * **Current Sensing:** Because the resistance is extremely low (2.5mΩ), this part is designed to be placed in series with a load. By measuring the voltage drop across it ($V = I \times R$), a microcontroller can calculate the current flowing through the circuit. * **Low Inductance:** These resistors are usually constructed from a metal alloy plate or wire that is non-inductive. This is critical for high-frequency switching power supplies to prevent signal distortion. * **Thermal Stability:** Designed with a low **TCR (Temperature Coefficient of Resistance)**, meaning the resistance value remains stable even as the part heats up due to high current. * **Power Dissipation:** Rated for 3 Watts. Given $P = I^2 \times R$, this resistor can theoretically handle a continuous current of approximately: $$I = \sqrt{\frac{P}{R}} = \sqrt{\frac{3}{0.0025}} \approx 34.6 \text{ Amperes}$$ --- ### 3. Common Applications 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium battery packs. 2. **Motor Control:** Detecting over-current conditions in DC motor drivers. 3. **Power Supplies:** Used in the feedback loop of DC-DC converters for current-mode control. 4. **Automotive Electronics:** Sensing current in high-load peripheral systems. --- ### 4. Implementation Schematic (Example) To use this in a circuit for current measurement, it is typically paired with an **Operational Amplifier** (Current Sense Amp): ```text [Load] ----+---- [LOR3-R0025-F] ----+---- [GND] | | +--[ R1 ]--+--[ Op-Amp ]--+ | (+) | +------------+--> Output Voltage to ADC ```
    ✨ Follow-up Questions
    • ⤷ What is the temperature coefficient (TCR) for the LOR series resistors?
    • ⤷ How do I calculate the heat sink requirements for a 3W current sense resistor?
    • ⤷ Are there surface mount (SMD) equivalents for the LOR3 series?