전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LOR3-R012-K

  • AI
    The **LOR3-R012-K** is a precision **Current Sense Resistor** manufactured by components specialists like **Isabellenhütte** (a common manufacturer for the LOR series). These resistors are designed for high-accuracy power electronics applications. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 12 mΩ (0.012 Ohms) | Low resistance to minimize power loss. | | **Tolerance** | ±10% (K) | Standard industrial precision. | | **Power Rating** | 3 Watts | Ability to dissipate heat under load. | | **Technology** | Metal Element | Typically Manganin or similar alloys for stability. | | **Mounting Type** | Through-hole (Radial) | Often features a "2-terminal" or "4-terminal" (Kelvin) setup. | --- ### 2. Physical Design & Construction The LOR series is known for its **open-frame** or "loop" design. Unlike standard ceramic resistors, these look like a thick wire loop or metal plate. * **Material:** Built using specialized resistive alloys that have a very low **Temperature Coefficient of Resistance (TCR)**. This ensures the resistance doesn't change significantly as the part heats up. * **Flame Resistance:** Because they are made of metal and do not have flammable coatings, they are inherently flameproof. * **Inductance:** The design is optimized for low inductance, making it suitable for high-frequency switching applications. --- ### 3. Key Applications This component is primarily used to measure current by monitoring the voltage drop across it ($V = I \times R$). 1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents in EV batteries or power tools. 2. **Motor Controllers:** Feedback loops for speed and torque control. 3. **Power Supplies:** Overcurrent protection and regulation in AC/DC or DC/DC converters. 4. **Industrial Electronics:** Heavy-duty sensing in welding equipment or solar inverters. --- ### 4. Advantages of the LOR Series * **Pulse Stability:** Excellent at handling short-term high-current surges without failing. * **Heat Dissipation:** The open-air design allows for natural convection cooling. * **Long-term Stability:** Minimal "drift" in resistance value over thousands of hours of operation. ---
    ✨ Follow-up Questions
    • ⤷What is the significance of the 'K' suffix in the part number?
    • ⤷ How do you calculate the voltage drop across this resistor at 5 Amps?
    • ⤷ What are the benefits of using a Kelvin (4-terminal) connection with this resistor?