전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LOR318-R010-F

  • AI
    The **LOR318-R010-F** is a high-precision, low-resistance current sensing resistor, commonly used in power management and feedback control circuits. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical parameters: | Parameter | Value | Description | | :--- | :--- | :--- | | **Resistance** | 0.010 $\Omega$ (10m$\Omega$) | The R010 indicates a 10 milli-ohm resistance value. | | **Tolerance** | ±1% (F) | The "F" suffix denotes a 1% precision tolerance. | | **Package Size** | 2512 (approx.) | Typically a large surface-mount (SMD) footprint to handle heat. | | **Power Rating** | 1W - 3W | Depends on specific manufacturer thermal design (often 2W or 3W). | | **Technology** | Metal Strip / Alloy | Uses a solid metal element for stability and low noise. | --- ### 2. Functional Role in Electronics This component is primarily used as a **Shunt Resistor**. Its main functions include: * **Current Sensing:** By placing this resistor in series with a load, the voltage drop across it ($V = I \times R$) can be measured by an ADC or Microcontroller to calculate the current flowing through the system. * **Overcurrent Protection:** Integrated into safety circuits to trigger a shutdown if the current exceeds a specific threshold. * **Feedback Loops:** Used in DC-DC converters and battery management systems (BMS) to regulate output current. --- ### 3. Structural Features The "LOR" series (Low Ohmic Resistor) typically features: 1. **Low TCR (Temperature Coefficient of Resistance):** Ensures the resistance remains stable even as the part heats up during high current flow. 2. **Low Inductance:** The metal strip construction minimizes parasitic inductance, which is critical for high-frequency switching applications. 3. **High Heat Dissipation:** Designed with a large copper or alloy plate to move heat away from the resistive element into the PCB. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **Motor Controllers:** Tracking phase current in brushless DC (BLDC) motors. * **Power Supplies:** Implementing current-mode control in switching power units. * **Automotive Electronics:** Used in ECU modules and lighting control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle without exceeding its power rating?
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of current measurements?
    • ⤷ What are the recommended PCB layout practices for 4-terminal Kelvin sensing with this part?