전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LOR34T-R012-D

  • AI
    The **LOR34T-R012-D** is a precision electronic component, specifically a **Metal Strip Current Sense Resistor**. These components are designed to measure current flow by creating a small, measurable voltage drop across a known low resistance. --- ### 1. Key Technical Specifications Based on the part number structure (typically associated with manufacturers like Isabellenhütte or similar precision resistor specialists), here are the primary technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 12 mΩ (0.012 Ω) | Indicated by "R012" in the suffix. | | **Tolerance** | ±0.5% to ±1% | High precision for accurate current sensing. | | **Power Rating** | 3W - 5W | High power handling for high-current applications. | | **Construction** | Metal Strip / Manganin | Low internal inductance and high stability. | | **Temperature Coeff.** | < 50 ppm/K | Minimal resistance change as the part heats up. | --- ### 2. Physical Design & Composition The "LOR" series usually refers to a specific physical layout designed for **4-terminal (Kelvin) sensing**: * **Four-Terminal Architecture:** The part features separate pins for the current path and the voltage measurement. This eliminates the resistance of the leads from the measurement, ensuring only the resistance of the element itself is calculated. * **Material:** Often constructed from Manganin or similar alloys, which provide a linear response to temperature changes. * **Package Type:** Through-hole or specialized surface mount, designed for robust thermal dissipation. --- ### 3. Functional Applications The LOR34T-R012-D is commonly integrated into the following systems: 1. **Battery Management Systems (BMS):** To monitor charge and discharge cycles in electric vehicles or power tools. 2. **Power Inverters:** Used in the feedback loop to control the output current of DC-AC converters. 3. **Industrial Controls:** Monitoring motor load or protecting circuits from overcurrent conditions. 4. **Precision Power Supplies:** Ensuring stable current output through constant monitoring. --- ### 4. Implementation Code (Example) To calculate the current ($I$) flowing through this resistor in a circuit, you would use Ohm's Law ($I = V / R$) within your microcontroller logic: ```python # Constants for LOR34T-R012-D RESISTANCE_OHMS = 0.012 # 12 mOhms def calculate_current(measured_voltage_v): """ Calculates current based on the voltage drop across the resistor. """ current_amps = measured_voltage_v / RESISTANCE_OHMS return current_amps # Example: If your ADC measures a 60mV drop (0.060V) print(f"Current: {calculate_current(0.060)} Amperes") ```
    ✨ Follow-up Questions
    • ⤷What is the benefit of a 4-terminal Kelvin connection in this resistor?
    • ⤷ How does the power rating affect the maximum current this resistor can handle?
    • ⤷ Are there SMD equivalents for the LOR34T series?