전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP-N-R

  • AI
    ### Introduction to LP-N-R Series Fuses The **LP-N-R** designation typically refers to a specific series of **Low-Peak Time-Delay Fuses**, most commonly manufactured by **Bussmann (Eaton)**. These are high-performance power fuses used primarily in industrial and commercial electrical systems. --- ### Technical Specifications The LP-N-R series belongs to the **UL Class RK1** category. Below is a breakdown of its primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Voltage Rating** | 250Vac (Standard), up to 125Vdc | | **Amperage Range** | 1/10A to 600A | | **Interrupting Rating** | 300,000A RMS Symmetrical (at 250V) | | **Class** | Class RK1 | | **Response Type** | Time-Delay (Dual-Element) | --- ### Key Components and Features 1. **Dual-Element Design**: These fuses contain two distinct components. The **thermal element** handles low-level overloads (preventing nuisance blowing from motor startups), while the **instantaneous magnetic element** handles high-level short circuits. 2. **Current Limiting**: As a Class RK1 fuse, the LP-N-R is highly current-limiting. It reacts extremely fast to short circuits, "cutting off" the fault current before it reaches its full peak, which protects downstream components. 3. **Rejection Feature**: The "R" in the name stands for **Rejection**. These fuses are designed with a physical groove or notch that allows them to fit into R-type fuse clips, preventing the accidental installation of inferior or lower-rated fuses (like Class H). --- ### Comparison: LP-N-R vs. Other Fuses | Fuse Series | Class | Voltage | Main Application | | :--- | :--- | :--- | :--- | | **LP-N-R** | RK1 | 250V | High protection, motor circuits, panels | | **LP-CC** | CC | 600V | Control circuits, small motors | | **FRN-R** | RK5 | 250V | General purpose, less current limiting | --- ### Common Applications * **Motor Branch Circuits**: Excellent for handling the high inrush current of motors without blowing. * **Mains and Feeders**: Used in distribution panels to provide superior short-circuit protection. * **Inductive Loads**: Transformers and solenoids that experience temporary surges. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class RK1 and Class RK5 fuses?
    • ⤷ How does the time-delay feature prevent nuisance blowing in motors?
    • ⤷ Can an LP-N-R fuse be used in a DC circuit?