전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP2950L-33-D08-R

  • AI
    ## Technical Overview: LP2950L-33-D08-R The **LP2950L-33-D08-R** is a precision, low-dropout (LDO) voltage regulator designed to provide a stable 3.3V output. It is widely used in battery-powered systems due to its very low quiescent current and small dropout voltage. --- ### Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Max Output Current** | 100 mA | | **Input Voltage Range** | Up to 30V | | **Dropout Voltage** | ~380 mV @ 100mA | | **Quiescent Current** | 75 µA (Typical) | | **Package Type** | DIP-8 (Dual In-line Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Internal Components & Functionality The device consists of several critical electronic sub-circuits integrated into the silicon: 1. **Internal Reference:** A temperature-compensated bandgap reference that ensures the 3.3V remains stable regardless of heat or input fluctuations. 2. **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the pass transistor to maintain regulation. 3. **Pass Transistor:** A PNP transistor that allows the regulator to operate with a very low dropout voltage compared to standard NPN-based regulators (like the 7805). 4. **Protection Circuitry:** * **Current Limiting:** Protects the device during output overload. * **Thermal Shutdown:** Shuts the device off if the internal temperature exceeds safe limits. --- ### Pin Configuration (DIP-8) While the LP2950 is often found in 3-pin TO-92 packages, the **D08** suffix indicates the **DIP-8** footprint. In this package, the pins are typically assigned as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Output** | Regulated 3.3V output | | 2, 3, 6, 7 | **NC** | No internal connection | | 4 | **Ground** | System ground | | 8 | **Input** | Unregulated input voltage | --- ### Usage Recommendations To ensure stability and performance, specific external components are required: * **Output Capacitor:** A minimum of **1.0µF** is required for stability. The Equivalent Series Resistance (ESR) of this capacitor is critical; it should generally be between 0.1Ω and 10Ω. * **Input Capacitor:** A **0.1µF** tantalum or ceramic capacitor is recommended at the input if the regulator is located far from the power supply filter. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between the LP2950 and the LP2951?
    • ⤷ How does the ESR of the output capacitor affect the stability of this LDO?
    • ⤷ Can this regulator handle an input voltage spike up to 30V safely?