전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP2953_15

  • AI
    ### Overview of the LP2953-15 The **LP2953-15** is a high-accuracy, low-dropout (LDO) voltage regulator with a fixed output of **1.5V**. It belongs to the LP2953 family, which is designed to provide high output current while maintaining a very low quiescent current, making it ideal for battery-powered applications. --- ### Key Technical Specifications The following table highlights the primary electrical characteristics of the LP2953-15: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.5V (Fixed) | | **Input Voltage Range** | Up to 30V | | **Output Current** | 250 mA | | **Dropout Voltage** | ~450 mV at 250 mA | | **Quiescent Current** | 75 µA (typical at 100 µA load) | | **Output Tolerance** | ±0.5% (Typical) | | **Package Options** | SOIC-16, DIP-16 | --- ### Functional Internal Components The LP2953-15 is not just a simple regulator; it integrates several sub-circuits for system monitoring and protection: 1. **Low Dropout Pass Transistor:** Unlike standard regulators, it uses a PNP pass transistor, which allows the device to regulate voltage even when the input is only slightly higher than the output. 2. **Error Amplifier & Reference:** A high-precision internal bandgap reference ensures the 1.5V output remains stable across temperature and load variations. 3. **Auxiliary Comparator:** It includes an uncommitted comparator that can be used for "Low Battery" detection or as a power-fail indicator. 4. **Shutdown Terminal:** A logic-level pin that allows the device to be turned off completely to conserve power (reducing current to <1 µA). 5. **Sense Pin:** Allows for remote sensing to compensate for resistive voltage drops in the PCB traces. --- ### Common Pin Configuration (SOIC-16) | Pin Name | Function | | :--- | :--- | | **V_IN** | Unregulated input voltage. | | **V_OUT** | Regulated 1.5V output. | | **GND** | System ground. | | **ERROR** | Active low output indicating the regulator is out of regulation. | | **SHUTDOWN** | Logic input to enable/disable the regulator. | | **SENSE** | Feedback pin for voltage regulation. | | **COMP_IN / OUT** | Inputs and outputs for the auxiliary comparator. | --- ### Typical Application Circuit When designing with the LP2953-15, stability is highly dependent on the output capacitor. ```c // Example Design Rules 1. Input Capacitor: 1.0 µF (Tantalum or Electrolytic) 2. Output Capacitor: 2.2 µF to 10 µF (Minimum ESR requirements apply) 3. Feedback: Connect SENSE pin directly to V_OUT for fixed 1.5V operation. ``` ---
    ✨ Follow-up Questions
    • What are the ESR requirements for the output capacitor to ensure stability?
    • How does the auxiliary comparator in the LP2953 differ from the main regulator loop?
    • Can the LP2953-15 be adjusted to a different voltage using external resistors?