전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP2992IM5-2.5

  • AI
    ## LP2992IM5-2.5: Technical Overview The **LP2992IM5-2.5** is a high-performance, low-dropout (LDO) linear voltage regulator designed for applications requiring low noise and low quiescent current. It is specifically calibrated for a fixed output of **2.5V**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.5V | | **Input Voltage Range** | 2.2V to 16V | | **Output Current** | 250 mA (Maximum) | | **Dropout Voltage** | ~450 mV @ 250 mA load | | **Quiescent Current** | 170 µA (at 250 mA load) / < 1 µA (Shutdown mode) | | **Package Type** | SOT-23-5 (Small Outline Transistor) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Electronic Components (Internal) The device consists of several integrated circuits that work together to maintain a stable output: * **Internal Reference:** A bandgap reference voltage that provides a stable comparison point regardless of temperature changes. * **Error Amplifier:** Compares the output voltage (via a resistor divider) against the internal reference. * **Pass Transistor (PNP):** The LP2992 uses a PNP pass transistor, which allows for a very low dropout voltage compared to NPN-based regulators. * **ON/OFF Control (Shutdown):** Logic circuitry that allows the device to be completely disabled to save power in battery-operated devices. --- ### 3. Pin Configuration (SOT-23-5) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **IN** | Unregulated Input Voltage. | | 2 | **GND** | Ground. | | 3 | **ON/OFF** | Shutdown Input (High = On, Low = Off). | | 4 | **BYPASS** | Connect a bypass capacitor to reduce output noise. | | 5 | **OUT** | Regulated 2.5V Output. | --- ### 4. Critical External Components To ensure stability and performance, the following external parts are required: 1. **Input Capacitor ($C_{in}$):** At least **1.0 µF** is recommended to bypass the input power line, especially if the regulator is far from the power source. 2. **Output Capacitor ($C_{out}$):** A minimum of **2.2 µF** is strictly required for stability. It must have a low Equivalent Series Resistance (ESR). 3. **Bypass Capacitor ($C_{BYP}$):** A **10 nF** capacitor connected to Pin 4 significantly reduces output noise and improves Power Supply Rejection Ratio (PSRR). --- ### 5. Common Applications * Cellular phones and wireless devices. * Palmtop and Laptop computers. * Battery-powered instrumentation. * High-efficiency linear power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-23-5 package in this regulator?
    • ⤷ Can I use a ceramic capacitor for the output
    • ⤷ and what are the ESR requirements?
    • ⤷ How does the 'Shutdown' pin logic work if I want to keep the device always on?