전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP2992IM5-3.3

  • AI
    The **LP2992IM5-3.3** is a high-performance, low-dropout (LDO) linear voltage regulator designed specifically for battery-powered applications where space and efficiency are critical. It is part of the LP2992 series manufactured by Texas Instruments. --- ### ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the LP2992IM5-3.3: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | 2.2V to 16V | | **Output Current** | 250 mA (Maximum) | | **Dropout Voltage** | ~450 mV at 250 mA | | **Quiescent Current** | 650 µA (at full load) / < 1 µA (Shutdown) | | **Package Type** | SOT-23-5 | | **Accuracy** | 1% Output Tolerance (A grade) | --- ### ## 2. Core Electronic Components & Features #### **A. Internal Architecture** The device consists of several integrated circuits that work together to maintain a stable output: * **Error Amplifier:** Compares the feedback voltage from the output against an internal reference. * **Pass Transistor:** A PNP transistor used to regulate the current flow. Because it is an LDO, it can operate with a very small difference between input and output voltage. * **Voltage Reference:** A high-precision internal bandgap reference ensures temperature stability. #### **B. Low Dropout (LDO) Mechanism** Unlike standard linear regulators (like the LM7805), which require ~2V of headroom, the LP2992 requires only about **0.45V**. This allows it to keep producing 3.3V even when a battery source (like a Li-Po) drops near its limit. #### **C. Shutdown Pin (ON/OFF Control)** The "IM5" variant features a logic-level control pin. * **Logic High:** Regulator is active. * **Logic Low:** Regulator enters sleep mode, consuming less than 1 µA, which is vital for preserving battery life in portable electronics. --- ### ## 3. Typical Application Circuit To ensure stability, the LP2992 requires specific external capacitors. ```mermaid graph LR Vin[Input Voltage] --> C1[Cin: 1uF] C1 --> LDO[LP2992IM5-3.3] LDO --> C2[Cout: 2.2uF Low ESR] LDO --> C3[C_bypass: 10nF] C2 --> Vout[3.3V Output] ``` * **Input Capacitor ($C_{IN}$):** Usually a 1 µF ceramic or tantalum capacitor to filter input noise. * **Output Capacitor ($C_{OUT}$):** Requires a minimum of 2.2 µF. Crucially, it must have a low **Equivalent Series Resistance (ESR)** to prevent oscillation. * **Bypass Capacitor ($C_{BYPASS}$):** A 10 nF capacitor can be connected to the bypass pin to significantly reduce output noise. --- ### ## 4. Common Use Cases 1. **Mobile Phones:** Providing clean power to RF and Analog sections. 2. **Microcontrollers:** Powering 3.3V MCUs (like ESP32 or STM32) from a 5V or 9V rail. 3. **Sensor Nodes:** Maintaining steady voltage in IoT devices that spend most of their time in sleep mode.
    ✨ Follow-up Questions
    • ⤷ What is the importance of the ESR value for the output capacitor in this LDO?
    • ⤷ How does the thermal protection mechanism work in the LP2992?
    • ⤷ Can the LP2992IM5-3.3 handle an input voltage as high as 12V safely?