전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP3303

  • AI
    ## Overview of the LP3303 The **LP3303** is a high-efficiency **Constant Current Boost LED Driver** typically used in mobile devices and portable electronics to power LED backlights. It operates using a current-mode control scheme to provide excellent line and load regulation. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.2V to 6.0V | | **Switching Frequency** | 1.0 MHz (Fixed) | | **Feedback Voltage** | 200 mV (Reference) | | **Efficiency** | Up to 90% | | **Package Type** | SOT23-6 | | **Over-Voltage Protection** | 28V to 38V (Typical) | --- ### 2. Internal Electronic Architecture The device integrates several critical electronic components within its SOT23-6 package to minimize the need for external parts: 1. **Power MOSFET:** An internal N-channel MOSFET acts as the switch for the boost converter. 2. **Error Amplifier:** Compares the voltage at the FB (Feedback) pin to an internal 0.2V reference to regulate output current. 3. **PWM Controller:** Uses a 1MHz oscillator to control the switching cycle. 4. **Protection Circuits:** * **OTP:** Over Temperature Protection (Thermal Shutdown). * **OVP:** Over Voltage Protection (Prevents damage if LEDs are disconnected). * **UVLO:** Under-Voltage Lockout. --- ### 3. Pin Configuration and Functions The LP3303 generally follows a standard 6-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **SW** | Switching Node. Connected to the inductor and schottky diode. | | 2 | **GND** | Ground. | | 3 | **FB** | Feedback Pin. Measures current across the sense resistor ($I_{LED} = 0.2V / R_{sense}$). | | 4 | **EN** | Enable/PWM Dimming. High = ON, Low = OFF. | | 5 | **OVP** | Over-Voltage Protection sense pin. | | 6 | **VIN** | Power Supply Input. | --- ### 4. Typical Application Circuit To function as a boost converter, the LP3303 requires a few external "passive" components: ```text [VIN] ---- [Inductor (4.7uH - 10uH)] ----+---- [Schottky Diode] ---- [LED String] | | [SW Pin] [FB Pin] | [Sense Resistor] | [GND] ``` ### 5. Dimming Methods The LP3303 supports two primary ways to control brightness: * **PWM Dimming:** Applying a PWM signal to the `EN` pin. The average LED current is proportional to the duty cycle. * **DC Dimming:** Applying a variable DC voltage to the `FB` pin through a resistor divider. ---
    ✨ Follow-up Questions
    • What is the maximum number of LEDs the LP3303 can drive in a single string?
    • How do I calculate the value of the feedback resistor for a specific LED current?
    • What are the common alternatives to the LP3303 for backlight driving?