전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP4-EE-1-R-W-A-R-B

  • AI
    The **LP4-EE-1-R-W-A-R-B** is a specific part number for a push-button switch manufactured by **E-Switch**. This component belongs to the LP4 series, which is known for its right-angle, surface-mount (or through-hole) illuminated design. ### Component Breakdown The part number is an alphanumeric code where each segment defines a specific physical or electrical characteristic: | Segment | Feature | Description | | :--- | :--- | :--- | | **LP4** | Series | Right-angle, illuminated pushbutton switch | | **EE** | Function | Latching (Push-on, Push-off) mechanism | | **1** | Housing | Standard housing style | | **R** | Terminal Style | Right-angle PC pin mounting | | **W** | Actuator Style | Large square cap (typically 12mm x 12mm) | | **A** | Operating Force | Standard operating force (approx. 300gf) | | **R** | LED 1 Color | Red LED illumination | | **B** | LED 2 Color | Blue LED illumination (Bi-color) | --- ### Technical Specifications Below are the typical electrical and mechanical ratings for this specific switch series: * **Contact Rating:** 100mA @ 30VDC * **Circuitry:** DPDT (Double Pole Double Throw) * **Contact Resistance:** 50mΩ Max (Initial) * **Insulation Resistance:** 100MΩ Min @ 500VDC * **Dielectric Strength:** 500VAC for 1 minute * **Operating Life:** 50,000 cycles * **Travel:** Full travel: 3.0mm; Lock travel: 2.0mm --- ### Features & Applications This component is highly specialized for interfaces requiring visual feedback and robust mechanical switching. #### Key Features: 1. **Bi-Color Illumination:** The "R-B" designation indicates Red and Blue LEDs, allowing the switch to change colors based on the state of the circuit. 2. **Latching Action:** Unlike momentary switches, the "EE" designation means it stays in the depressed position until pressed again. 3. **Right-Angle Mounting:** Designed to be mounted on a PCB such that the button faces the side of the enclosure (ideal for edge-mounting). #### Common Applications: * **Audio/Visual Equipment:** Mixer consoles and signal processors. * **Test & Measurement:** Handheld or benchtop diagnostic tools. * **Telecommunications:** Network hubs or server hardware. * **Industrial Controls:** Status indicators for machinery. --- ### Pinout Configuration (Standard LP4) ```text [ LED Pins ] [ Switch Terminals ] Pin L1: Red (+) Pin 1, 2, 3: Pole A Pin L2: Blue (+) Pin 4, 5, 6: Pole B Pin LC: Common (-) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'EE' latching and 'OA' momentary functions in this series?
    • ⤷ How is the bi-color LED wired in terms of polarity (Common Anode or Common Cathode)?
    • ⤷ Are there alternative cap shapes available for the LP4 series besides the square 'W' style?