전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LP5035R-R47M

  • AI
    The **LP5035R-R47M** is a high-current, low-profile power inductor typically used in DC-DC converter circuits. It belongs to the family of surface-mount (SMD) power inductors designed for high efficiency in compact electronic devices. --- ### 1. Key Technical Specifications The part number follows a specific naming convention that defines its physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.47 µH | The "R47" in the part number indicates 0.47 microhenries. | | **Tolerance** | ±20% | The "M" suffix stands for a 20% tolerance range. | | **Dimensions** | 5.0 x 5.0 x 3.5 mm | "5035" refers to the footprint (5x5mm) and height (3.5mm). | | **Current Rating (Isat)** | ~15A - 20A | Saturation current depends on the specific manufacturer (often Coilcraft or generic equivalent). | | **DCR (Max)** | Low (mΩ range) | Direct Current Resistance is minimized to reduce heat loss. | --- ### 2. Physical Construction The LP5035R-R47M is usually constructed using **Molded Powder Core** technology: * **Core Material:** Metal alloy powder (Iron-based), which offers high saturation flux density. * **Shielding:** It is a **shielded inductor**, meaning it has low electromagnetic interference (EMI), making it safe for use near sensitive components. * **Terminals:** Solder-plated copper pads for robust SMD mounting. --- ### 3. Functional Roles in a Circuit This component primarily serves three roles in electronic assemblies: #### A. Energy Storage In Buck (Step-down) or Boost (Step-up) converters, it stores energy in a magnetic field during the "on" cycle of a switching transistor and releases it during the "off" cycle. #### B. Ripple Filtering It works with output capacitors to smooth out the switching noise (ripple) from a power supply, providing a stable DC voltage to the CPU, GPU, or FPGA. #### C. Noise Suppression Due to its impedance characteristics, it acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass. --- ### 4. Common Applications * **Computing:** VRM (Voltage Regulator Modules) for laptops and servers. * **Telecommunications:** High-efficiency DC-DC modules for base stations. * **Consumer Electronics:** Power management in high-end tablets and gaming consoles. * **Automotive:** Infotainment systems and LED lighting drivers. --- ### 5. Equivalent Replacement Guide If sourcing this part, ensure the replacement matches these three critical criteria: 1. **Isat (Saturation Current):** Must be equal to or higher than the original. 2. **DCR:** Must be equal to or lower to prevent overheating. 3. **Footprint:** Must fit the 5.0 x 5.0 mm PCB pads.
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Irms current ratings for this inductor?
    • ⤷ How does the temperature affect the inductance of the LP5035R-R47M?
    • ⤷ Which manufacturers produce equivalents for the LP5035 series?