전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPA-41M2W-R

  • AI
    The **LPA-41M2W-R** is a specific type of **Piezoelectric Indicator** (often referred to as a buzzer or audio transducer) designed for PCB mounting. It is widely used in electronics for audible feedback, alarms, and status notifications. --- ## 1. Core Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 3.0V to 20V DC | | **Current Consumption** | Max 10mA at 12V DC | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm / 12V DC) | | **Resonant Frequency** | 3,400 ± 500 Hz | | **Operating Temperature** | -20°C to +70°C | | **Tone Nature** | Continuous Tone | | **Mounting Type** | Through-hole (PCB Mount) | --- ## 2. Electronic Composition The device consists of three main internal layers that allow it to function as a self-contained audio unit: ### A. Piezoelectric Diaphragm The heart of the device is a ceramic disk bonded to a metal plate (usually brass or stainless steel). When a voltage is applied, the **Inverse Piezoelectric Effect** causes the ceramic to deform, vibrating the metal plate to create sound waves. ### B. Internal Drive Circuitry Unlike a "transducer" which requires an external oscillating signal, the **LPA-41M2W-R** is an **indicator**. * It contains an internal transistorized oscillator circuit. * When you provide a steady DC voltage (3V-20V), the internal circuit automatically converts it into a square wave at the resonant frequency (~3.4kHz). ### C. Housing (Resonator) The "M2W" designation typically refers to the physical casing style. The plastic housing acts as an acoustic chamber, shaped specifically to amplify the sound produced by the internal diaphragm. --- ## 3. Circuit Integration Integrating this part into an electronic design is straightforward because it is polarity-sensitive. ### Wiring Example ```cpp // Schematic Representation [Power Supply (+)] ----> [Positive Pin (+)] [Ground (GND)] ----> [Negative Pin (-)] ``` ### Implementation Tips 1. **Polarity:** Ensure the long lead (or the side marked with a `+`) is connected to the positive rail. Reversing polarity will prevent the internal circuit from oscillating. 2. **Switching:** You can drive this directly from a microcontroller GPIO pin if the pin can supply >10mA. If not, use a simple NPN transistor (like a 2N2222) as a switch. 3. **Wash Tab:** These parts often come with a blue "Remove after washing" sticker. This prevents cleaning fluids from entering the acoustic hole during PCB manufacturing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 'indicator' and a piezo 'transducer'?
    • ⤷ Can I use Pulse Width Modulation (PWM) to change the pitch of the LPA-41M2W-R?
    • ⤷ What are the common failure modes for this type of electronic component?