전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPAU-421MJW-R

  • AI
    The **LPAU-421MJW-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These components are critical in power management circuits, particularly for voltage regulation and noise filtering. Below is a detailed breakdown of its specifications, construction, and typical applications. ### 1. Key Technical Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like **Delta** or **Cyntec**), the part number follows a standard industry naming convention for high-current molded inductors. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded/Molded) | | **Inductance** | Usually 0.42 µH (indicated by "421") | | **Tolerance** | ±20% (Common for power inductors) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Alloy Powder (Molded) | | **Operating Temp** | -40°C to +125°C (Automotive or Industrial grade) | --- ### 2. Physical Construction The "LPAU" series generally features a **Molded Iron Powder** construction. This design offers several advantages over traditional wire-wound ferrite inductors: * **Magnetic Shielding:** The molded body acts as a natural shield, minimizing Electromagnetic Interference (EMI) with surrounding components. * **Soft Saturation:** Unlike ferrite cores that lose inductance sharply when current increases, molded metal powder inductors have a gradual "soft" saturation curve. * **High Current Density:** They can handle higher peak currents relative to their physical footprint. * **Robustness:** The solid construction provides excellent resistance to thermal shock and mechanical vibration. --- ### 3. Application Use Cases The LPAU-421MJW-R is designed for high-efficiency power conversion. Common applications include: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU cards to provide stable power to CPUs/GPUs. 3. **Battery Powered Devices:** Ideal for laptops and tablets where high efficiency and low profile (height) are required. 4. **Automotive Electronics:** Used in ADAS modules or infotainment systems due to high temperature stability. --- ### 4. Part Number Breakdown (Generic Analysis) * **LPAU:** Series identifier (usually denotes a low-profile, high-current molded inductor). * **421:** Inductance value. The first two digits are significant figures, the third is the multiplier ($42 \times 10^1$ nanohenries = 420nH or **0.42µH**). * **M:** Tolerance (typically ±20%). * **JW-R:** Packaging or specific material revision (R usually denotes RoHS compliance).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (I sat) for the LPAU-421MJW-R?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?
    • ⤷ What are the physical dimensions (footprint) of the LPAU series?