전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-12M2-R/Q

  • AI
    The **LPD-12M2-R/Q** is a specialized precision motion component, typically classified as a **Linear Piezo Micro-Stage** or a **Piezo-driven Linear Actuator**. These parts are frequently used in applications requiring sub-nanometer resolution, such as semiconductor manufacturing, microscopy, and optical fiber alignment. --- ### 1. Key Technical Specifications The "LPD" series generally refers to Linear Piezo Direct-drive mechanisms. Below is a breakdown of the typical electronic and physical characteristics for this model: | Feature | Specification (Typical) | | :--- | :--- | | **Drive Principle** | Ultrasonic Piezoelectric Motor | | **Travel Range** | 12 mm | | **Resolution** | < 1 nm (sensor dependent) | | **Max Velocity** | 10 - 20 mm/s | | **Push/Pull Force** | 2 N - 5 N | | **Operating Voltage** | 40V - 100V (High Frequency AC) | --- ### 2. Internal Electronic Components The device is not just a mechanical rail; it contains several critical electronic sub-systems: #### A. Piezoelectric Ceramic Elements * **Function:** Converts electrical energy into mechanical vibratory energy. * **Composition:** Usually Lead Zirconate Titanate (PZT). * **Operation:** When a high-frequency voltage is applied, the ceramic expands and contracts at ultrasonic frequencies (typically >100 kHz), "walking" or "driving" the stage forward. #### B. Integrated Encoder (Position Feedback) * **Type:** Optical or Capacitive. * **Role:** Provides real-time position data to the controller to ensure accuracy. Without this, the piezo would suffer from "drift" or hysteresis. #### C. Connector Interface * **R/Q Suffix:** These often denote specific wiring or connector standards (e.g., Circular Hirose connectors or D-Sub connectors) used to interface with the **Piezo Controller**. --- ### 3. Required Driving Electronics The LPD-12M2-R/Q cannot be powered by a standard DC power supply. It requires a **Piezo Driver/Controller** that performs the following functions: 1. **Signal Generation:** Creates a high-frequency sine or sawtooth wave to excite the piezo ceramics. 2. **PID Control Loop:** Reads the encoder signal and adjusts the drive voltage to reach the target position without overshoot. 3. **Power Amplification:** Steps up low-level control signals to the high voltages required by the piezo elements. --- ### 4. Common Applications * **Photonics:** Precise alignment of laser diodes to optical fibers. * **Semiconductors:** Wafer inspection and lithography positioning. * **Medical:** Micro-manipulation of cells or surgical tools. * **Imaging:** Focus adjustment in high-end confocal microscopes.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q versions of this model?
    • ⤷ What type of controller is recommended for driving LPD series piezo stages?
    • ⤷ How does environmental temperature affect the precision of the LPD-12M2?