LPD-12M4-R
AI

## Overview of LPD-12M4-R
The **LPD-12M4-R** is a high-performance **Power Divider/Splitter** component typically used in RF (Radio Frequency) and microwave applications. It is designed to split an input signal into multiple output paths (in this case, 4 paths) with minimal loss and high isolation.
---
### Technical Specifications
The following table outlines the primary electronic characteristics of the LPD-12M4-R:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | 4-Way Power Divider |
| **Frequency Range** | 2.0 GHz to 12.4 GHz |
| **Insertion Loss** | ≤ 1.2 dB (Above 6dB theoretical) |
| **Isolation** | ≥ 18 dB |
| **VSWR (Input/Output)** | 1.45:1 / 1.35:1 |
| **Phase Balance** | ± 5° |
| **Amplitude Balance** | ± 0.4 dB |
| **Power Handling** | 30 Watts (Forward) / 2 Watts (Reverse) |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA-Female |
---
### Core Electronic Functions
#### 1. Signal Splitting (4-Way)
The device takes a single RF input and distributes the power equally across four output ports. Because it is a 4-way splitter, the theoretical power reduction per port is **6 dB** (plus the actual insertion loss of the device).
#### 2. Isolation
One of the critical electronic features of this part is its ability to prevent signals from one output port from leaking into another output port. High isolation (18 dB+) ensures that components connected to the outputs do not interfere with each other.
#### 3. Impedance Matching
The LPD-12M4-R is engineered to maintain a strict **50 Ohm characteristic impedance**. This minimizes reflections (measured as VSWR), which is vital for preventing damage to sensitive RF transmitters and maintaining signal integrity.
---
### Common Applications
* **Radar Systems:** Distributing local oscillator signals.
* **Test and Measurement:** Routing a single signal source to multiple pieces of test equipment.
* **Communication Base Stations:** Dividing signals for multiple antenna arrays.
* **Electronic Warfare (EW):** Distributing wideband signals for jamming or monitoring.
---
### Physical & Environmental Features
* **Housing:** Typically constructed with aluminum or stainless steel with gold or nickel plating for high conductivity and environmental resistance.
* **Operating Temperature:** Generally rated for **-55°C to +85°C**, making it suitable for aerospace and military environments.
* **RoHS Compliance:** The "-R" suffix usually indicates that the part is **RoHS Compliant**, meaning it is manufactured without hazardous substances like lead.
- ⤷
What is the significance of the 6dB theoretical loss in a 4-way power divider?
- ⤷ How does the VSWR rating affect the performance of the LPD-12M4-R in a circuit?
- ⤷ Can this component be used as a power combiner instead of a splitter?