전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-21M2-R/Q

  • AI
    The **LPD-21M2-R/Q** is a high-performance **RF Power Divider/Combiner** typically used in aerospace, defense, and high-frequency communication systems. This component is designed to split an input signal into two equal-phase output signals or combine two signals into one. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The device is characterized by its wide bandwidth and low insertion loss, making it suitable for microwave applications. | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 18.0 GHz (approx.) | | **Configuration** | 2-Way Power Divider | | **Impedance** | 50 Ohms | | **Insertion Loss** | ≤ 1.2 dB (frequency dependent) | | **Isolation** | ≥ 18 dB | | **VSWR (Input/Output)** | 1.40:1 / 1.30:1 | | **Amplitude Balance** | ± 0.3 dB | | **Phase Balance** | ± 4° | | **Power Rating** | 30W (Forward) / 2W (Reverse) | --- ### 2. Functional Electronic Design The LPD-21M2-R/Q typically utilizes a **Wilkinson Power Divider** internal topology. This design involves several critical electronic elements: * **Microstrip Circuitry:** Printed on low-loss dielectric substrates to maintain signal integrity at GHz frequencies. * **Isolation Resistor:** A thin-film resistor is bridged between the two output ports. This dissipates any reflected power caused by impedance mismatches, ensuring that a signal reflected from Port 2 does not appear at Port 3. * **Quarter-Wave Transformers:** The internal traces are calculated to be one-quarter wavelength long at the center frequency to match the 50-ohm impedance of the ports. --- ### 3. Physical & Interface Properties The "R/Q" suffix often denotes specific connector types or environmental ruggedization. * **Connectors:** Usually equipped with **SMA Female** connectors for high-frequency reliability. * **Housing:** Gold-plated or chemically filmed aluminum housing for electromagnetic interference (EMI) shielding. * **Operating Temperature:** Typically rated for -55°C to +85°C, meeting military-grade requirements. --- ### 4. Typical Applications 1. **Antenna Arrays:** Distributing power to multiple antenna elements. 2. **Test & Measurement:** Splitting a signal to a reference sensor and a device under test (DUT). 3. **Radar Systems:** Phase-coherent signal distribution.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' variants in this part number series?
    • ⤷ How does the isolation resistor affect the power handling in combiner mode?
    • ⤷ Can this component be used for frequencies outside the 2-18 GHz range?