전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • LPD-22MD-R/Q

  • AI
    The **LPD-22MD-R/Q** is a high-performance **2-Way Power Divider/Combiner** typically used in RF (Radio Frequency) and microwave communication systems. This component is designed to split an input signal into two equal output signals or combine two signals into one while maintaining phase and amplitude balance. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific connector orientations or environmental screenings. Below are the primary electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | 2 - 22 GHz | Operates across the S, C, X, Ku, and K bands. | | **Insertion Loss** | ≤ 1.2 dB | The amount of power lost beyond the 3dB theoretical split. | | **Isolation** | ≥ 18 dB | The degree of separation between the two output ports. | | **VSWR (Input/Output)** | ≤ 1.5:1 | Measure of impedance matching to prevent signal reflections. | | **Amplitude Balance** | ± 0.3 dB | Maximum difference in power level between outputs. | | **Phase Balance** | ± 4° | Maximum difference in signal phase between outputs. | | **Power Rating** | 20W (Forward) | The maximum RF power the unit can handle. | --- ### 2. Internal Electronic Design The device is based on **Wilkinson Power Divider** architecture. Key internal components include: * **Microstrip Circuits:** Precision-etched copper traces on a high-frequency dielectric substrate (like Rogers or Arlon) that manage signal propagation. * **Isolation Resistor:** A thin-film resistor connected between the two output ports. This dissipates any "reflected" energy, ensuring that if one output port is mismatched, it does not interfere with the other. * **Impedance Transformers:** Quarter-wave ($\lambda/4$) matching sections that transform the 50-ohm input impedance to the parallel 100-ohm internal paths. --- ### 3. Physical & Interface Features * **Connectors:** Usually equipped with **SMA-Female** or **2.92mm (K)** connectors to handle frequencies up to 22 GHz. * **Housing:** CNC-machined aluminum with conductive plating (usually Nickel or Gold) for EMI/RFI shielding. * **Mounting:** Often includes thru-holes for integration into larger RF sub-assemblies. --- ### 4. Common Applications 1. **Antenna Arrays:** Splitting a local oscillator (LO) signal to multiple mixers. 2. **Test and Measurement:** Dividing a source signal to provide a reference path and a test path. 3. **Electronic Warfare (EW):** Distributing wideband signals across surveillance receivers. 4. **Satellite Communications:** Combining signals from multiple low-noise amplifiers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions of this power divider?
    • ⤷ How does VSWR affect the performance of the LPD-22MD-R/Q?
    • ⤷ Can this component be used for signals higher than 22 GHz?